Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST1155A Arkusz danych(PDF) 6 Page - Silicon Touch Technology Inc.

Numer części ST1155A
Szczegółowy opis  Low-saturation, Low-voltage Bi-directional Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST1155A Arkusz danych(HTML) 6 Page - Silicon Touch Technology Inc.

  ST1155A Datasheet HTML 1Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 2Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST1155A Datasheet HTML 7Page - Silicon Touch Technology Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
ST1155A
ST1155A_A05.doc
Version: A.05
-5-
Application Notes
To increase system stability, it is suggestion to connect a resistor RVDD about 470Ω between
battery power and driver's VDD pin as shown on application circuit.
In multiple power supply application, although power supply of control logic and motor
driver are separated, the voltage of VDD pin must be lager than or equal to the voltage of
VS1 and VS2 pin.
The power dissipated by the IC varies widely with the supply voltage, the output current, and
loading. It is important to ensure the application does not exceed the allowable power
dissipation of the IC package. The recommended motor driver power dissipation versus
temperature is depicted as follows:
Power Dissipation-Temperature
0
100
200
300
400
500
600
700
800
900
0
25
50
75
100
125
Ambient Temperature ( ℃ )


Podobny numer części - ST1155A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
More results

Podobny opis - ST1155A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ST1155A ETC1-ST1155A Datasheet
276Kb / 7P
   Low-saturation, Low-voltage bi-directional Motor Driver
logo
Silicon Touch Technolog...
11-MD123 SITI-11-MD123 Datasheet
245Kb / 8P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152A SITI-ST1152A Datasheet
233Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1155B SITI-ST1155B Datasheet
257Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
ST1152B SITI-ST1152B Datasheet
204Kb / 10P
   Low-saturation, Low-voltage Bi-directional Motor Driver
11-MD124 SITI-11-MD124 Datasheet
244Kb / 7P
   Low-saturation, Low-voltage Bi-directional Motor Driver
logo
List of Unclassifed Man...
ST1151A ETC-ST1151A Datasheet
250Kb / 6P
   Low-saturation, Low-voltage 1.5 Channel Bi-directional Motor Driver
logo
Silicon Touch Technolog...
ST1153A SITI-ST1153A Datasheet
275Kb / 7P
   Low-saturation, Low-voltage Bi-directional Multi-Channels Motor Driver
logo
Unisonic Technologies
UH251 UTC-UH251 Datasheet
111Kb / 4P
   LOW-SATURATION, LOW-VOLTAGE 1.5 CHANNEL BI-DIRECTIONAL MOTOR DRIVER
logo
Global Mixed-mode Techn...
G2006 GMT-G2006 Datasheet
41Kb / 1P
   Low-saturation, Low-voltage 1 channels Bi-directional Motor Driver
More results


Html Pages

1 2 3 4 5 6 7


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com