Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ST2225A Arkusz danych(PDF) 6 Page - Silicon Touch Technology Inc.

Numer części ST2225A
Szczegółowy opis  LED Display Driver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SITI [Silicon Touch Technology Inc.]
Strona internetowa  http://www.siti.com.tw
Logo SITI - Silicon Touch Technology Inc.

ST2225A Arkusz danych(HTML) 6 Page - Silicon Touch Technology Inc.

Back Button ST2225A Datasheet HTML 2Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 3Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 4Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 5Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 6Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 7Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 8Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 9Page - Silicon Touch Technology Inc. ST2225A Datasheet HTML 10Page - Silicon Touch Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ST2225A
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
LED Display Driver
-5-
Version:A.025
Absolute Maximum Ratings
Voltage (any pin)........................Vss to Vss +12V
Power Dissipation (PD)
+25℃......................................................1.52W
+85℃....................................................790mW
Junction Temperature (Tj)........................+150℃
Storage Temperature (Ts)..........-65℃ to +150℃
Lead Temperature (soldering, 10 sec.).....+300℃
Electrical Characteristics
4.5V≦VDD ≦11V, Vss=0V; TA=25℃, bold values indicate -40℃≦TA≦+85℃;unless noted
Symbol
Parameter
Condition
Min
Typ
Max
Units
IDD
Power Supply Current
-25℃ to +85℃, excluding output loads
-40℃ to +85℃, excluding output loads
5
6
m A
m A
VIL
Low-level Data Input Voltage
logic-0 level, ±10μA input bias
-0.3
0.8
V
VIH
High-level Data Input Voltage
logic-1 level, 4.75V≦VDD ≦5.25V
logic-1 level, VDD>5.25V
2.2
VDD
-2
VDD
VDD
V
V
IBC
Brightness Control Input Current
Note 2
0
0.75
m A
IOUT OFF Output Sink Current When “OFF” Segment off, VOUT=3.0V
10
μ
A
IOUT ON Output Sink Current When “ON”
Segment on, VOUT=1.0V, Note 3
Brightness input =0μA
Brightness input =100μA
Brightness input =750μA
0
2.0
15
2.7
20
10
4
25
μ
A
m A
m A
VBC
Brightness Control Input Voltage
Input Current =750μA
3.0
4.3
V
RMATCH Output Matching
Note 1
±2
0
%
fC
Clock Input Frequency
Notes 4, 5
500
kHz
tH
Clock Input High Time
Notes 4, 5
950
ns
tL
Clock Input Low Time
Notes 4, 5
950
ns
tDS
Data Input Setup Time
300
ns
tDH
Data Input Hold Time
300
ns
tDES
Data Enable Input Setup Time
100
ns
Note 1: Output matching is calculated as the percent variation (IMAX + IMIN) / 2
Note 2: With a fixed resistor on the brightness input pin, some variation in brightness will occur among devices.
Note 3: VOUT should be so regulated that power dissipation of the chip will not exceed its limit.
Note 4: AC input waveform specification for test purpose: tR≦20ns, tF≦20ns, t=500kHz, 50%±10% duty cycle.
Note 5: Clock input rise and fall times must not exceed 300ns.


Podobny numer części - ST2225A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
List of Unclassifed Man...
ST2225A ETC-ST2225A Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
ST2225A-D ETC-ST2225A-D Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
ST2225A-SS3 ETC-ST2225A-SS3 Datasheet
317Kb / 12P
   LED DISPLAY DRIVER
More results

Podobny opis - ST2225A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482_04 Datasheet
131Kb / 10P
   LED DISPLAY DRIVER
M5480 STMICROELECTRONICS-M5480_04 Datasheet
112Kb / 10P
   LED DISPLAY DRIVER
logo
National Semiconductor ...
MM5481 NSC-MM5481 Datasheet
122Kb / 6P
   LED Display Driver
logo
STMicroelectronics
M5480 STMICROELECTRONICS-M5480 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
M5481 STMICROELECTRONICS-M5481 Datasheet
76Kb / 8P
   LED DISPLAY DRIVER
April 2000
logo
National Semiconductor ...
MM5480 NSC-MM5480 Datasheet
107Kb / 6P
   LED Display Driver
February 1995
logo
STMicroelectronics
M5481 STMICROELECTRONICS-M5481_04 Datasheet
162Kb / 10P
   LED DISPLAY DRIVER
logo
Micrel Semiconductor
MM5450 MICREL-MM5450_11 Datasheet
283Kb / 9P
   LED Display Driver
logo
STMicroelectronics
M5482 STMICROELECTRONICS-M5482 Datasheet
97Kb / 6P
   LED DISPLAY DRIVER
May 1993
logo
Micrel Semiconductor
MM5450 MICREL-MM5450 Datasheet
81Kb / 8P
   LED Display Driver
logo
Microchip Technology
MM5450 MICROCHIP-MM5450 Datasheet
267Kb / 20P
   LED Display Driver
06/23/16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com