Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM15C-4812DZ Arkusz danych(PDF) 4 Page - AIMTEC

Numer części AM15C-4812DZ
Szczegółowy opis  15Watt | DC-DC Converter
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AIMTEC [AIMTEC]
Strona internetowa  https://aimtec.com
Logo AIMTEC - AIMTEC

AM15C-4812DZ Arkusz danych(HTML) 4 Page - AIMTEC

  AM15C-4812DZ Datasheet HTML 1Page - AIMTEC AM15C-4812DZ Datasheet HTML 2Page - AIMTEC AM15C-4812DZ Datasheet HTML 3Page - AIMTEC AM15C-4812DZ Datasheet HTML 4Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Series AM15C-Z
15Watt | DC-DC Converter
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R11
4 of 4
North America only
Dimensions
Trimming
25.40
(1.00)
10.16
(0.40)
5.08
(0.20)
7.62
(0.30)
2.54
(0.10)
10.16
(0.40)
10.16
(0.40)
Printed Face
1.00
(0.39)
Top View
Side View
2.54
(0.10)
1
+V
Input
2
-V
Input CTRL
3
4
56
+V Output Trim -V Output
Bottom View
Derating
NOTE: 1. Datasheets are updated as needed and as such, specifications are subject to change without notice. Once printed or downloaded, datasheets are no longer controlled
by Aimtec; refer to www.aimtec.com for the most current product specifications.
2. Product labels shown, including safety agency certifications on labels, may vary based on the
date manufactured.
3. Mechanical drawings and specifications are for reference only. 4. All specifications are measured at an ambient temperature of 25°C, humidity<75%,
nominal input voltage and at rated output load unless otherwise specified.5..Aimtec may not have conducted destructive testing or chemical analysis on all internal components
and chemicals at the time of publishing this document. CAS numbers and other limited information are considered proprietary and may not be available for release.
5. This
product is not designed for use in critical life support systems, equipment used in hazardous environments, nuclear control systems or other such applications which necessitate
specific safety and regulatory standards other the ones listed in this datasheet.
-40
-20
020
40
60
80
100
100
80
60
40
20
0
Safe Operating Area
85
Ambient Temperature º C
Free Air Convection
65 ºC


Podobny numer części - AM15C-4812DZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM15C-4812DZ AIMTEC-AM15C-4812DZ Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
More results

Podobny opis - AM15C-4812DZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
AIMTEC
AM15CW-FZ AIMTEC-AM15CW-FZ Datasheet
159Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_12 Datasheet
142Kb / 4P
   15Watt | DC-DC Converter
logo
List of Unclassifed Man...
FEC15 ETC-FEC15 Datasheet
135Kb / 2P
   15WATT DC-DC CONVERTER
logo
AIMTEC
AM15T-Z AIMTEC-AM15T-Z_13 Datasheet
318Kb / 3P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_13 Datasheet
320Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z_12 Datasheet
308Kb / 4P
   15Watt | DC-DC Converter
AM15T-Z AIMTEC-AM15T-Z Datasheet
385Kb / 3P
   15Watt | DC-DC Converter
AM15C-Z AIMTEC-AM15C-Z_13 Datasheet
715Kb / 4P
   15Watt | DC-DC Converter
AM15CW-Z AIMTEC-AM15CW-Z Datasheet
292Kb / 4P
   15Watt | DC-DC Converter
logo
GAPTEC Electronic GmbH ...
15ACEW GAPTEC-15ACEW Datasheet
580Kb / 5P
   15Watt - AC-DC converter
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com