Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

2SK3265 Arkusz danych(PDF) 5 Page - Toshiba Semiconductor

Numer części 2SK3265
Szczegółowy opis  N CHANNEL MOS TYPE (CHOPPER GEGULATORS DC-DC CONVERTER, AND MOTOR DRIVE APPLICATIONS)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TOSHIBA [Toshiba Semiconductor]
Strona internetowa  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

2SK3265 Arkusz danych(HTML) 5 Page - Toshiba Semiconductor

  2SK3265 Datasheet HTML 1Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 2Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 3Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 4Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 5Page - Toshiba Semiconductor 2SK3265 Datasheet HTML 6Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
2SK3265
2002-06-05
5
RG = 25 Ω
VDD = 90 V, L = 7.5 mH
÷÷ø
ö
ççè
æ
-
×
×
×
=
DD
VDSS
VDSS
AS
V
B
B
I
L
2
1
E
2


Podobny numer części - 2SK3265

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK3265 TOSHIBA-2SK3265 Datasheet
732Kb / 6P
   Silicon N Channel MOS Type Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK3265 TOSHIBA-2SK3265 Datasheet
427Kb / 6P
   Chopper Regulators DC−DC Converter and Motor Drive Applications
2SK3265 TOSHIBA-2SK3265 Datasheet
1Mb / 73P
   Bipolar Small-Signal Transistors
logo
Inchange Semiconductor ...
2SK3265 ISC-2SK3265 Datasheet
323Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Toshiba Semiconductor
2SK3265 TOSHIBA-2SK3265_06 Datasheet
732Kb / 6P
   Silicon N Channel MOS Type Chopper Regulators DC−DC Converter and Motor Drive Applications
More results

Podobny opis - 2SK3265

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Toshiba Semiconductor
2SK2614 TOSHIBA-2SK2614_06 Datasheet
235Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK3127 TOSHIBA-2SK3127_07 Datasheet
160Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK3129 TOSHIBA-2SK3129_06 Datasheet
136Kb / 3P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4017 TOSHIBA-2SK4017 Datasheet
241Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2399 TOSHIBA-2SK2399_06 Datasheet
776Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2782 TOSHIBA-2SK2782_06 Datasheet
723Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2845 TOSHIBA-2SK2845_06 Datasheet
697Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2865 TOSHIBA-2SK2865_06 Datasheet
710Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
2SK2882 TOSHIBA-2SK2882_06 Datasheet
189Kb / 6P
   Silicon N Channel MOS Type Chopper Regulator, DC-DC Converter and Motor Drive Applications
2SK4020 TOSHIBA-2SK4020 Datasheet
766Kb / 6P
   Silicon N-Channel MOS Type Chopper Regulator, DC/DC Converter and Motor Drive Applications
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com