Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-45D32CD641KFA-C80 Arkusz danych(PDF) 9 Page - Elpida Memory

Numer części MC-45D32CD641KFA-C80
Szczegółowy opis  32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D32CD641KFA-C80 Arkusz danych(HTML) 9 Page - Elpida Memory

Back Button MC-45D32CD641KFA-C80 Datasheet HTML 5Page - Elpida Memory MC-45D32CD641KFA-C80 Datasheet HTML 6Page - Elpida Memory MC-45D32CD641KFA-C80 Datasheet HTML 7Page - Elpida Memory MC-45D32CD641KFA-C80 Datasheet HTML 8Page - Elpida Memory MC-45D32CD641KFA-C80 Datasheet HTML 9Page - Elpida Memory MC-45D32CD641KFA-C80 Datasheet HTML 10Page - Elpida Memory MC-45D32CD641KFA-C80 Datasheet HTML 11Page - Elpida Memory MC-45D32CD641KFA-C80 Datasheet HTML 12Page - Elpida Memory MC-45D32CD641KFA-C80 Datasheet HTML 13Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
Preliminary Data Sheet E0032N10
9
Asynchronous Characteristics
Parameter
Symbol
-C75(PC266B)
-C80 (PC200)
Unit
MIN.
MAX.
MIN.
MAX.
ACT to REF/ACT command period (operation)
tRC
65
70
ns
REF to REF/ACT command period (refresh)
tRFC
75
80
ns
ACT to PRE command period
tRAS
45
120,000
50
120,000
ns
PRE to ACT command period
tRP
20
20
ns
ACT to READ/WRITE delay
tRCD
20
20
ns
ACT(one) to ACT(another) command period
tRRD
15
15
ns
Write recovery time
tWR
15
15
ns
Auto precharge write recovery time + precharge time
tDAL
35
35
ns
Mode register set command cycle time
tMRD
15
15
ns
Exit self refresh to command
tXSNR
75
80
ns
Refresh time (4,096 refresh cycles)
tREF
64
64
ms


Podobny numer części - MC-45D32CD641KFA-C80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-45D32CD641KFA-C80 NEC-MC-45D32CD641KFA-C80 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-45D32CD641KFA-C80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-45D32CD641 NEC-MC-45D32CD641 Datasheet
250Kb / 6P
   32 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CB641 NEC-MC-45D16CB641 Datasheet
244Kb / 6P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CB641 ELPIDA-MC-45D16CB641 Datasheet
170Kb / 16P
   16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D32CC721 NEC-MC-45D32CC721 Datasheet
259Kb / 6P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D32CC721 ELPIDA-MC-45D32CC721 Datasheet
190Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com