Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-45D16DA721KFA-C75 Arkusz danych(PDF) 1 Page - Elpida Memory

Numer części MC-45D16DA721KFA-C75
Szczegółowy opis  16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D16DA721KFA-C75 Arkusz danych(HTML) 1 Page - Elpida Memory

  MC-45D16DA721KFA-C75 Datasheet HTML 1Page - Elpida Memory MC-45D16DA721KFA-C75 Datasheet HTML 2Page - Elpida Memory MC-45D16DA721KFA-C75 Datasheet HTML 3Page - Elpida Memory MC-45D16DA721KFA-C75 Datasheet HTML 4Page - Elpida Memory MC-45D16DA721KFA-C75 Datasheet HTML 5Page - Elpida Memory MC-45D16DA721KFA-C75 Datasheet HTML 6Page - Elpida Memory MC-45D16DA721KFA-C75 Datasheet HTML 7Page - Elpida Memory MC-45D16DA721KFA-C75 Datasheet HTML 8Page - Elpida Memory MC-45D16DA721KFA-C75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for
availability and additional information.
MOS INTEGRATED CIRCUIT
MC-45D16DA721
Document No. E0038N10 (1st edition)
(Previous No. M14815EJ2V0DS00)
Date Published January 2001 CP (K)
Printed in Japan
PRELIMINARY DATA SHEET
16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE
REGISTERED TYPE
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
Description
The MC-45D16DA721 is a 16,777,216 words by 72 bits DDR synchronous dynamic RAM module on which 9 pieces
of 128M DDR SDRAM:
µPD45D128842 are assembled.
These modules provide high density and large quantities of memory in a small space without utilizing the surface-
mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.
Features
• 16,777,216 words by 72 bits organization (ECC type)
• Clock frequency
Part number
/CAS latency
Clock frequency
Module type
(MAX.)
MC-45D16DA721KF-C75
CL = 2.5
133 MHz
DDR Registered DIMM
CL = 2
100 MHz
Design specification Rev. 0.6 compliant
MC-45D16DA721KF-C80
CL = 2.5
125 MHz
CL = 2
100 MHz
MC-45D16DA721KFA-C75
CL = 2.5
133 MHz
DDR Registered DIMM
CL = 2
100 MHz
Design specification Rev. 0.9 compliant
MC-45D16DA721KFA-C80
CL = 2.5
125 MHz
CL = 2
100 MHz
• Fully Synchronous Dynamic RAM with all signals except DM, DQS and DQ referenced to a positive clock edge
• Double Data Rate interface
Differential CLK (/CLK) input
Data inputs and DM are synchronized with both edges of DQS
Data outputs and DQS are synchronized with a cross point of CLK and /CLK
• Quad internal banks operation
• Possible to assert random column address in every clock cycle
• Programmable Mode register set
/CAS latency (2, 2.5)
Burst length (2, 4, 8)
Wrap sequence (Sequential / Interleave)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh


Podobny numer części - MC-45D16DA721KFA-C75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C75 NEC-MC-45D16CA721KF-C75 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721KF-C75 ELPIDA-MC-45D16CA721KF-C75 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C80 NEC-MC-45D16CA721KF-C80 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-45D16DA721KFA-C75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4516DA727XFA ELPIDA-MC-4516DA727XFA Datasheet
173Kb / 14P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-4516DA726 ELPIDA-MC-4516DA726 Datasheet
176Kb / 16P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4516DA726 NEC-MC-4516DA726 Datasheet
232Kb / 6P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
Elpida Memory
MC-4516DA727 ELPIDA-MC-4516DA727 Datasheet
224Kb / 15P
   16 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DC721 ELPIDA-MC-45D32DC721 Datasheet
196Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
MC-45D32DA721 ELPIDA-MC-45D32DA721 Datasheet
210Kb / 16P
   32 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532DA727 ELPIDA-MC-4532DA727 Datasheet
227Kb / 15P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
logo
NEC
MC-4532DA726 NEC-MC-4532DA726 Datasheet
247Kb / 6P
   32 M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE REGISTERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com