Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-45D16CD641KS-C80 Arkusz danych(PDF) 4 Page - Elpida Memory

Numer części MC-45D16CD641KS-C80
Szczegółowy opis  16 M-WORD BY 64-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-45D16CD641KS-C80 Arkusz danych(HTML) 4 Page - Elpida Memory

  MC-45D16CD641KS-C80 Datasheet HTML 1Page - Elpida Memory MC-45D16CD641KS-C80 Datasheet HTML 2Page - Elpida Memory MC-45D16CD641KS-C80 Datasheet HTML 3Page - Elpida Memory MC-45D16CD641KS-C80 Datasheet HTML 4Page - Elpida Memory MC-45D16CD641KS-C80 Datasheet HTML 5Page - Elpida Memory MC-45D16CD641KS-C80 Datasheet HTML 6Page - Elpida Memory MC-45D16CD641KS-C80 Datasheet HTML 7Page - Elpida Memory MC-45D16CD641KS-C80 Datasheet HTML 8Page - Elpida Memory MC-45D16CD641KS-C80 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Preliminary Data Sheet E0187N10
4
Block Diagram
DM0
SDRAMs (D0 to D7)
SDRAMs (D0 to D7)
BA0 to BA1
SDRAMs (D0 to D7)
CKE0
SDRAMs (D0 to D3)
CKE1
SDRAMs (D4 to D7)
VDDSPD
SPD
VREF
SDRAMs (D0 to D7)
VDD
SDRAMs (D0 to D7),
and
VSS
VDDID
VDD
VDDQ
Open
SDRAMs (D0 to D7), SPD
Serial PD
SDA
A0
A1
A2
WP
SCL
SA0
SA1
SA2
SDA
SCL
Notes :
1. DQ wiring may differ from that described
in this drawing; however DQ/DM/DQS
relationships are maintained as shown.
VDDID strap connections:
(for memory device VDD, VDDQ)
Strap out (open): VDD = VDDQ
Strap in (closed): VDD ≠ VDDQ
DQS0
DQ0 to DQ7
8
D0
/RAS
/CAS
/WE
A0 to AN
SDRAMs (D0 to D7)
SDRAMs (D0 to D7)
4 loads
CK0
/CK0
4 loads
CK1
/CK1
0 loads
CK2
/CK2
/S0
/S1
/S
D2
/S
LDQS
LDM
I/O0 to I/O7
RS
RS
RS
DM1
DQS1
DQ8 to DQ15
8
UDQS
UDM
I/O8 to I/O15
RS
RS
RS
DM4
DQS4
DQ32 to DQ39
8
RS
RS
RS
DM5
DQS5
DQ40 to DQ47
8
RS
RS
RS
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
DM2
DQS2
DQ16 to DQ23
8
D1
/S
D3
/S
LDQS
LDM
I/O0 to I/O7
RS
RS
RS
DM3
DQS3
DQ24 to DQ31
8
UDQS
UDM
I/O8 to I/O15
D4
/S
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
D5
/S
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
RS
RS
RS
DM6
DQS6
DQ48 to DQ55
8
RS
RS
RS
DM7
DQS7
DQ56 to DQ63
8
RS
RS
RS
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
D6
/S
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
D7
/S
LDQS
LDM
I/O0 to I/O7
UDQS
UDM
I/O8 to I/O15
Remarks 1. The value of all resistors of DQs, DQSs, DM/DQSs is 22
Ω.± 5%
2. D0 – D7:
µPD45D128164 (2M words × 16 bits × 4 banks)


Podobny numer części - MC-45D16CD641KS-C80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-45D16CA721 NEC-MC-45D16CA721 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721 ELPIDA-MC-45D16CA721 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C75 NEC-MC-45D16CA721KF-C75 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45D16CA721KF-C75 ELPIDA-MC-45D16CA721KF-C75 Datasheet
174Kb / 16P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45D16CA721KF-C80 NEC-MC-45D16CA721KF-C80 Datasheet
241Kb / 6P
   16 M-WORD BY 72-BIT DDR SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-45D16CD641KS-C80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-4516CB64ES NEC-MC-4516CB64ES Datasheet
129Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-4516CD64ES NEC-MC-4516CD64ES Datasheet
130Kb / 6P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD64ES ELPIDA-MC-4516CD64ES Datasheet
143Kb / 16P
   16 M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-4516CD641ES NEC-MC-4516CD641ES Datasheet
150Kb / 6P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
MC-458CB64ESB NEC-MC-458CB64ESB Datasheet
126Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
logo
Elpida Memory
MC-4516CD641ES ELPIDA-MC-4516CD641ES Datasheet
154Kb / 16P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB641ES ELPIDA-MC-458CB641ES Datasheet
151Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-458CB64ESB ELPIDA-MC-458CB64ESB Datasheet
141Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
MC-4516CD642XS ELPIDA-MC-4516CD642XS Datasheet
136Kb / 14P
   16M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE (SO DIMM)
logo
NEC
MC-458CB641ES NEC-MC-458CB641ES Datasheet
137Kb / 6P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE SO DIMM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com