Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM5012 Arkusz danych(PDF) 1 Page - Shanghai Lunsure Electronic Tech

Numer części AM5012
Szczegółowy opis  HIGH VOLTAGE PRESS FIT DIODE FOR AUTOMOTIVE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  CHENYI [Shanghai Lunsure Electronic Tech]
Strona internetowa  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech

AM5012 Arkusz danych(HTML) 1 Page - Shanghai Lunsure Electronic Tech

  AM5012 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech AM5012 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Shanghai Lunsure Electronic
Technology Co.,LTD
Tel:0086-21-37185008
Fax:0086-21-57152769
Features
Low leakage
Low forward voltage drop
High current capability
High forward surge current capability
Mechanical Data
Case: Copper case
Technology: cell with vcauum soldered
Polarity: As marked of case bottom
Lead: Plated lead, solderable per MIL-STD-202E method 208C
Mounting: Press fit
Weigth: 9.0 grams
Maximum Ratings and Electrical Charactristics
Rating at 25
oC ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load
For capacitive load derate current by 20%
Parameters
Symbols AM5001 AM5002 AM5004 AM5006 AM5008 AM5010 AM5012 Units
Maximum repetitive peak reverse voltage
VRRM
100
200
400
600
800
1000
1200
Volts
Maximum RM S voltage
VRMS
70
140
280
420
560
700
840
Volts
Maximum DC blocking voltage
VDC
100
200
400
600
800
1000
1200
Volts
Maximum Average rectified forward current
at TC=110
oC
Io
50
Amps
Peak forward surge current 8.3mS single
half sine-wave superimposed on rated load
(JE DEC Method)
IFSM
400
Amps
Rating for fusing(t<8.3ms)
I
2t
664
A
2S
Maximum instantaneous forward voltage
drop at 50A
VF
1.05
Volts
Maximum DC reverse current TA=25
oC
IR
5.0
uA
at rated DC blocking voltage TA=150
oC
500
Typical thermal resistance
RθJC
1.0
oC/W
Operating and storage temperature
TJ,TSTG
-65 to +175
oC
Notes: 1.Enough heatsink must be considered in application.
www. cnelectr .com
AM5001
THRU
AM5012
HIGH VOLTAGE PRESS FIT
DIODE FOR AUTOMOTIVE
RECTIFIER(MOTOROLA)
VOLTAGE RANGE
100 TO 1200 VOLTS
CURRENT 50AMPS
Dimensions in inches and millimeters
1.28±0.05
.050±.002
15.7±0.1
.62±.004
1.28±0.05
.050±.002
27.5±0.5
1.083±0.01
11.1±0.1
.437±.004
12.73-12.79
0.5-0.504
Epoxy
MC1


Podobny numer części - AM5012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Lunsure Electr...
AM501 CHENYI-AM501 Datasheet
148Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
More results

Podobny opis - AM5012

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shanghai Lunsure Electr...
AM2501 CHENYI-AM2501 Datasheet
147Kb / 2P
   HIGH VOLTAGE PRESS FIT DIODE FOR AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAM5001 GOOD-ARK-GAM5001 Datasheet
142Kb / 2P
   High Voltage Press Fit Diodes For Automotive
GAM2501 GOOD-ARK-GAM2501 Datasheet
124Kb / 2P
   High Voltage Press Fit Diodes For Automotive
logo
Shanghai Lunsure Electr...
AM251 CHENYI-AM251 Datasheet
151Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
Shenzhen Ping Sheng Ele...
LPRG351 PFS-LPRG351 Datasheet
176Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GAH401 GOOD-ARK-GAH401 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
GAM251 GOOD-ARK-GAM251 Datasheet
124Kb / 2P
   Press Fit Automotive Rectifier
GAM501 GOOD-ARK-GAM501 Datasheet
130Kb / 2P
   Press Fit Automotive Rectifier
logo
Shanghai Lunsure Electr...
AM501 CHENYI-AM501 Datasheet
148Kb / 2P
   PRESS FIT AUTOMOTIVE RECTIFIER
logo
GOOD-ARK Electronics
GB304P GOOD-ARK-GB304P Datasheet
370Kb / 5P
   PRESS FIT AUTOMOTIVE RECTIFIER
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com