Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-4532CD647XF-A75 Arkusz danych(PDF) 11 Page - Elpida Memory

Numer części MC-4532CD647XF-A75
Szczegółowy opis  32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532CD647XF-A75 Arkusz danych(HTML) 11 Page - Elpida Memory

Back Button MC-4532CD647XF-A75 Datasheet HTML 7Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 8Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 9Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 10Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 11Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 12Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 13Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 14Page - Elpida Memory MC-4532CD647XF-A75 Datasheet HTML 15Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
11
MC-4532CD647
Data Sheet E0054N20
(2/2)
Byte No.
Function Described
Hex
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Notes
32
Command and address signal input setup
time
15H
0
0
0
1
0
1
0
1
1.5 ns
33
Command and address signal input
hold time
08H
0
0
0
0
1
0
0
0
0.8 ns
34
Data signal input setup time
15H
0
0
0
1
0
1
0
1
1.5 ns
35
Data signal input hold time
08H
0
0
0
0
1
0
0
0
0.8 ns
36-61
00H
0
0
0
0
0
0
0
0
62
SPD revision
12H
0
0
0
1
0
0
1
0
1.2
63
Checksum for bytes 0 - 62
B0H
1
0
1
1
0
0
0
0
64-71
Manufacture’s JEDEC ID code
72
Manufacturing location
73-90
Manufacture’s P/N
91-92
Revision code
93-94
Manufacturing date
95-98
Assembly serial number
99-125 Mfg specific
126
Intel specification frequency
64H
0
1
1
0
0
1
0
0
127
Intel specification /CAS latency support
FFH
1
1
1
1
1
1
1
1
Timing Chart
Refer to the
µµµµPD45128441, 45128841, 45128163 Data sheet (E0031N).


Podobny numer części - MC-4532CD647XF-A75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD647XFA-A75 ELPIDA-MC-4532CD647XFA-A75 Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-4532CD647XF-A75

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Elpida Memory
MC-4532CD647XFA ELPIDA-MC-4532CD647XFA Datasheet
171Kb / 14P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com