Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

MC-458CB646EFB-A80 Arkusz danych(PDF) 6 Page - Elpida Memory

Numer części MC-458CB646EFB-A80
Szczegółowy opis  8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ELPIDA [Elpida Memory]
Strona internetowa  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-458CB646EFB-A80 Arkusz danych(HTML) 6 Page - Elpida Memory

Back Button MC-458CB646EFB-A80 Datasheet HTML 2Page - Elpida Memory MC-458CB646EFB-A80 Datasheet HTML 3Page - Elpida Memory MC-458CB646EFB-A80 Datasheet HTML 4Page - Elpida Memory MC-458CB646EFB-A80 Datasheet HTML 5Page - Elpida Memory MC-458CB646EFB-A80 Datasheet HTML 6Page - Elpida Memory MC-458CB646EFB-A80 Datasheet HTML 7Page - Elpida Memory MC-458CB646EFB-A80 Datasheet HTML 8Page - Elpida Memory MC-458CB646EFB-A80 Datasheet HTML 9Page - Elpida Memory MC-458CB646EFB-A80 Datasheet HTML 10Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet E0063N10
6
MC-458CB646
DC Characteristics (Recommended Operating Conditions Unless Otherwise Noted)
Parameter
Symbol
Test condition
Grade
MIN.
MAX.
Unit
Notes
Operating current
ICC1
Burst length = 1
/CAS latency = 2
-A80
400
mA
1
tRC
≥ tRC(MIN.), IO = 0 mA
-A10
400
/CAS latency = 3
-A80
400
-A10
400
Precharge standby current in
ICC2P
CKE
≤ VIL(MAX.), tCK = 15 ns
4
mA
power down mode
ICC2PS
CKE
≤ VIL(MAX.), tCK = ∞
4
Precharge standby current in
ICC2N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
80
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC2NS CKE
≥ VIH(MIN.), tCK = ∞, Input signals are stable.
32
Active standby current in
ICC3P
CKE
≤ VIL(MAX.), tCK = 15 ns
20
mA
power down mode
ICC3PS
CKE
≤ VIL(MAX.), tCK = ∞
16
Active standby current in
ICC3N
CKE
≥ VIH(MIN.), tCK = 15 ns, /CS ≥ VIH(MIN.),
120
mA
non power down mode
Input signals are changed one time during 30 ns.
ICC3NS CKE
≥ VIH(MIN.), tCK = ∞, Input signals are stable.
80
Operating current
ICC4
tCK
≥ tCK(MIN.), IO = 0 mA
/CAS latency = 2
-A80
480
mA
2
(Burst mode)
-A10
380
/CAS latency = 3
-A80
580
-A10
500
CBR (Auto) refresh current
ICC5
tRC
≥ tRC(MIN.)
/CAS latency = 2
-A80
920
mA
3
-A10
920
/CAS latency = 3
-A80
920
-A10
920
Self refresh current
ICC6
CKE
≤ 0.2 V
8
mA
Input leakage current
II(L)
VI = 0 to 3.6 V, All other pins not under test = 0 V
–4
+4
µA
Output leakage current
IO(L)
DOUT is disabled, VO = 0 to 3.6 V
–1.5
+1.5
µA
High level output voltage
VOH
IO = –4.0 mA
2.4
V
Low level output voltage
VOL
IO = +4.0 mA
0.4
V
Notes 1. ICC1 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC1 is measured on condition that addresses are changed only one time during tCK (MIN.).
2. ICC4 depends on output loading and cycle rates. Specified values are obtained with the output open. In
addition to this, ICC4 is measured on condition that addresses are changed only one time during tCK (MIN.).
3. ICC5 is measured on condition that addresses are changed only one time during tCK (MIN.).


Podobny numer części - MC-458CB646EFB-A80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-458CB646EFB-A80 NEC-MC-458CB646EFB-A80 Datasheet
198Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

Podobny opis - MC-458CB646EFB-A80

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NEC
MC-458CB646 NEC-MC-458CB646 Datasheet
198Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CB647 NEC-MC-458CB647 Datasheet
190Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CB647 ELPIDA-MC-458CB647 Datasheet
145Kb / 16P
   8M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-45V8AB641 NEC-MC-45V8AB641 Datasheet
144Kb / 6P
   8M-WORD BY 64-BIT VirtualChannel SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA727 NEC-MC-458CA727 Datasheet
198Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-458CA727 ELPIDA-MC-458CA727 Datasheet
156Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-458CA726 ELPIDA-MC-458CA726 Datasheet
159Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-458CA726 NEC-MC-458CA726 Datasheet
207Kb / 16P
   8M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com