Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTA208X-1000C Arkusz danych(PDF) 1 Page - NXP Semiconductors

Numer części BTA208X-1000C
Szczegółowy opis  High commutation three-quadrant triacs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NXP [NXP Semiconductors]
Strona internetowa  http://www.nxp.com
Logo NXP - NXP Semiconductors

BTA208X-1000C Arkusz danych(HTML) 1 Page - NXP Semiconductors

  BTA208X-1000C Datasheet HTML 1Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 2Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 3Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 4Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 5Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 6Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 7Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 8Page - NXP Semiconductors BTA208X-1000C Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
BTA208X-1000C
High commutation three-quadrant triacs
Rev. 02 — 4 September 2009
Product data sheet
1.
Product profile
1.1 General description
Passivated high voltage, high commutation triac in a full pack, plastic package. This triac
is intended for use in motor control circuits where high blocking voltage, high static and
dynamic dV/dt as well as high dIcom/dt can occur. This device will commutate the full
rated RMS current at the maximum rated junction temperature without the aid of a
snubber.
1.2 Features and benefits
3Q technology with superior
commutation performance for
improved noise immunity
High false trigger immunity
Isolated package
Very high blocking voltage capability of
1000 V
1.3 Applications
General purpose motor control
Reversible induction motor control
1.4 Quick reference data
Table 1.
Quick reference
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VDRM
repetitive peak
off-state voltage
-
-
1000
V
ITSM
non-repetitive peak
on-state current
full sine wave; Tj(init) =25°C;
tp =20ms;
see Figure 4 and 5
--65
A
IT(RMS)
RMS on-state
current
full sine wave; Th ≤ 73 °C;
see Figure 3, 1 and 2
--8
A
Static characteristics
IGT
gate trigger current
VD =12V; IT = 0.1 A; T2+
G+; Tj =25°C; see Figure 7
2635
mA
VD =12V; IT = 0.1 A; T2+
G-; Tj =25°C; see Figure 7
2
1335mA
VD =12V; IT = 0.1 A; T2-
G-; Tj =25°C; see Figure 7
2
2335mA


Podobny numer części - BTA208X-1000C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA208X-1000C PHILIPS-BTA208X-1000C Datasheet
74Kb / 12P
   Three quadrant triacs high commutation
Rev. 01-4 October 2005
logo
WeEn Semiconductors
BTA208X-1000C WEEN-BTA208X-1000C Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
logo
WeEn Semiconductors
BTA208X-1000C0 WEEN-BTA208X-1000C0 Datasheet
304Kb / 13P
   3Q Hi-Com Triac
logo
Inchange Semiconductor ...
BTA208X-1000C0 ISC-BTA208X-1000C0 Datasheet
224Kb / 2P
   isc Triacs
More results

Podobny opis - BTA208X-1000C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
NXP Semiconductors
BTA212B PHILIPS-BTA212B Datasheet
49Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA216X PHILIPS-BTA216X Datasheet
49Kb / 5P
   Three quadrant triacs high commutation
October 1999 Rev 1.000
BTA212XB PHILIPS-BTA212XB Datasheet
54Kb / 6P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
logo
WeEn Semiconductors
BTA212B WEEN-BTA212B Datasheet
923Kb / 8P
   Three quadrant triacs high commutation
logo
NXP Semiconductors
BTA208X-1000C0 NXP-BTA208X-1000C0 Datasheet
196Kb / 12P
   High commutation three-quadrant triacs
Rev. 01-3 September 2009
BTA208B PHILIPS-BTA208B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212 PHILIPS-BTA212 Datasheet
45Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA212B PHILIPS-BTA212B Datasheet
22Kb / 4P
   Three quadrant triacs high commutation
September 1997 Rev 1.200
BTA212X PHILIPS-BTA212X Datasheet
20Kb / 4P
   Three quadrant triacs high commutation
October 1997 Rev 1.000
BTA225 PHILIPS-BTA225 Datasheet
61Kb / 8P
   Three quadrant triacs high commutation
September 1997
BTA225 PHILIPS-BTA225 Datasheet
17Kb / 4P
   Three quadrant triacs high commutation
September 1997
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com