Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

LS4150 Arkusz danych(PDF) 1 Page - GOOD-ARK Electronics

Numer części LS4150
Szczegółowy opis  Fast Switching Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

LS4150 Arkusz danych(HTML) 1 Page - GOOD-ARK Electronics

  LS4150 Datasheet HTML 1Page - GOOD-ARK Electronics LS4150 Datasheet HTML 2Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
660
Case:QuadroMELF Glass Case (SOD-80)
Weight: approx. 34 mg
Cathode Band Color: Black
Silicon Epitaxial Planar Diode
Electrical data identical with the device 1N4150
Quadro Melf package
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
Tl
o
b
m
y
Se
u
l
a
Vt
i
n
U
e
g
a
t
l
o
v
e
s
r
e
v
e
r
k
a
e
p
e
v
i
t
i
t
e
p
e
R
V
M
R
R
0
5V
e
g
a
t
l
o
v
e
s
r
e
v
e
R
V
R
0
5V
t
n
e
r
r
u
c
e
g
r
u
s
d
r
a
w
r
o
f
k
a
e
Pt
p
1
=
usI
M
S
F
4A
t
n
e
r
r
u
c
d
r
a
w
r
o
F
I
F
0
0
6
mA
t
n
e
r
r
u
c
d
r
a
w
r
o
f
e
g
a
r
e
v
AV
R
0
=I
V
A
F
0
0
3
mA
n
o
i
t
a
p
i
s
s
i
d
r
e
w
o
P
P
V
0
0
5
mW
LS4150
Fast Switching Diode
Absolute Maximum Ratings
( T
amb=25
oC unless otherwise specified )
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
Tl
o
b
m
y
Se
u
l
a
Vt
i
n
U
t
n
e
i
b
m
a
n
o
i
t
c
n
u
Jd
r
a
o
b
C
P
n
o
m
m
6
.
1
X
m
m
0
5
X
m
m
0
5
R
A
J
h
t
0
0
5W
/
K
e
r
u
t
a
r
e
p
m
e
t
n
o
i
t
c
n
u
J
T
j
5
7
1
oC
e
g
n
a
r
e
r
u
t
a
r
e
p
m
e
t
e
g
a
o
r
t
S
T
g
t
s
5
7
1
+
o
t
5
6
-
oC
Mechanical Data
Features
High speed switch and general purpose
use in computer and industrial applications
Applications
Thermal Characteristics
( T
amb=25
oC unless otherwise specified )
r
e
t
e
m
a
r
a
Pn
o
i
t
i
d
n
o
C
t
s
e
Tl
o
b
m
y
S.
n
i
M.
p
y
T.
x
a
Mt
i
n
U
e
g
a
t
l
o
v
d
r
a
w
r
o
F
I
F
1
= mA
V
F
4
5
.
02
6
.
0
V
I
F
0
1
=
mA6
6
.
04
7
.
0
I
F
0
5
=
mA6
7
.
06
8
.
0
I
F
0
0
1
=
mA2
8
.
02
9
.
0
I
F
0
0
2
=
mA7
8
.
00
.
1
t
n
e
r
r
u
c
e
s
r
e
v
e
R
V
R
V
0
5
=
I
R
0
0
1
nA
V
R
T
,
V
0
5
=
j
0
5
1
=
oC0
0
1
e
c
n
a
t
i
c
a
p
a
c
e
d
o
i
DV
R
,
0
=V
,
z
H
M
1
=
f
F
H
0
5
=
mVC
D
5
.
2
pF
e
m
i
t
y
r
e
v
o
c
e
r
e
s
r
e
v
e
RI
F
I
=
R
0
0
1
o
t
0
1
=
m ,
A
i
R
I
x
1
.
0
=
R R
,
L
0
0
1
=
t
r
r
4
ns
Electrical Characteristics
( T
amb=25
oC unless otherwise specified )


Podobny numer części - LS4150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Vishay Siliconix
LS4150 VISHAY-LS4150 Datasheet
52Kb / 4P
   Silicon Epitaxial Planar Diode
Rev. 3, 01-Apr-99
logo
Transys Electronics
LS4150 TRSYS-LS4150 Datasheet
143Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODE
logo
Pan Jit International I...
LS4150 PANJIT-LS4150 Datasheet
90Kb / 3P
   FAST SWITCHING SURFACE MOUNT DIODES
logo
Vishay Siliconix
LS4150 VISHAY-LS4150 Datasheet
95Kb / 4P
   Small Signal Fast Switching Diode
Rev. 1.9, 14-Feb-12
logo
SUNMATE electronic Co.,...
LS4150 SUNMATE-LS4150 Datasheet
391Kb / 2P
   SURFACE MOUNT FAST SWITCHING DIODES
More results

Podobny opis - LS4150

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diodes Incorporated
1N4151 DIODES-1N4151 Datasheet
49Kb / 1P
   FAST SWITCHING DIODE
DS12014 Rev. F-2
logo
Jiangsu Changjiang Elec...
1N4448WT JIANGSU-1N4448WT Datasheet
829Kb / 4P
   FAST SWITCHING DIODE
logo
GOOD-ARK Electronics
LS4154 GOOD-ARK-LS4154 Datasheet
103Kb / 2P
   Fast Switching Diode
logo
Chenmko Enterprise Co. ...
LL4150PT CHENMKO-LL4150PT Datasheet
121Kb / 2P
   FAST SWITCHING DIODE
logo
Shanghai Shunye Electro...
1N4448W SY-1N4448W Datasheet
932Kb / 2P
   FAST SWITCHING DIODE
logo
Vishay Siliconix
LL4148 VISHAY-LL4148_04 Datasheet
111Kb / 4P
   Fast Switching Diode
Rev. 1.7, 06-Feb-04
logo
New Jersey Semi-Conduct...
1N914 NJSEMI-1N914 Datasheet
62Kb / 1P
   FAST SWITCHING DIODE
logo
Jiangsu Changjiang Elec...
BAV16W JIANGSU-BAV16W_17 Datasheet
1Mb / 5P
   FAST SWITCHING DIODE
logo
Infineon Technologies A...
IDP30E60 INFINEON-IDP30E60_09 Datasheet
701Kb / 8P
   Fast Switching Diode
Rev.2.4 2009-09-28
SIDC02D60F6 INFINEON-SIDC02D60F6_10 Datasheet
108Kb / 4P
   Fast switching diode
Edition 2.1, 09.03.2010
IDP12E120 INFINEON-IDP12E120 Datasheet
545Kb / 8P
   Fast Switching Diode
Rev.2.3 2009-08-19
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com