Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ70 Arkusz danych(PDF) 3 Page - GOOD-ARK Electronics

Numer części SMAJ70
Szczegółowy opis  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMAJ70 Arkusz danych(HTML) 3 Page - GOOD-ARK Electronics

  SMAJ70 Datasheet HTML 1Page - GOOD-ARK Electronics SMAJ70 Datasheet HTML 2Page - GOOD-ARK Electronics SMAJ70 Datasheet HTML 3Page - GOOD-ARK Electronics SMAJ70 Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
574
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
Ratings at 25oC ambient temperature unless otherwise specified. V
F=3.5V at IF=25A (uni-directional only)
e
p
y
t
e
c
i
v
e
D
e
c
i
v
e
D
g
n
i
k
r
a
m
e
d
o
c
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
e
g
r
u
s
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
I
N
UI
B.
n
i
M.
x
a
M
3
3
J
A
M
SL
CL
Y7
.
6
39
.
4
40
.
13
30
.
18
.
60
.
9
5
A
3
3
J
A
M
SM
CM
Y7
.
6
36
.
0
40
.
13
30
.
15
.
73
.
3
5
6
3
J
A
M
SN
CN
Y0
.
0
49
.
8
40
.
16
30
.
12
.
63
.
4
6
A
6
3
J
A
M
SP
CP
Y0
.
0
42
.
4
40
.
16
30
.
19
.
61
.
8
5
0
4
J
A
M
SQ
CQ
Y4
.
4
43
.
4
50
.
10
40
.
16
.
54
.
1
7
A
0
4
J
A
M
SR
CR
Y4
.
4
41
.
9
40
.
10
40
.
12
.
65
.
4
6
3
4
J
A
M
SS
CS
Y8
.
7
44
.
8
50
.
13
40
.
12
.
57
.
6
7
A
3
4
J
A
M
ST
CT
Y8
.
7
48
.
2
50
.
13
40
.
18
.
54
.
9
6
5
4
J
A
M
SU
CU
Y0
.
0
51
.
1
60
.
15
40
.
10
.
53
.
0
8
A
5
4
J
A
M
SV
CV
Y0
.
0
53
.
5
50
.
15
40
.
15
.
57
.
2
7
8
4
J
A
M
SW
CW
Y3
.
3
51
.
5
60
.
18
40
.
17
.
45
.
5
8
A
8
4
J
A
M
SX
CX
Y3
.
3
59
.
8
50
.
18
40
.
12
.
54
.
7
7
1
5
J
A
M
SY
CY
Y7
.
6
53
.
9
60
.
11
50
.
14
.
41
.
1
9
A
1
5
J
A
M
SZ
CZ
Y7
.
6
57
.
2
60
.
11
50
.
19
.
44
.
2
8
4
5
J
A
M
SD
RD
Z0
.
0
63
.
3
70
.
14
50
.
12
.
43
.
6
9
A
4
5
J
A
M
SE
RE
Z0
.
0
63
.
6
60
.
14
50
.
16
.
41
.
7
8
8
5
J
A
M
SF
RF
Z4
.
4
67
.
8
70
.
18
50
.
19
.
33
0
1
A
8
5
J
A
M
SG
RG
Z4
.
4
62
.
1
70
.
18
50
.
13
.
46
.
3
9
0
6
J
A
M
SH
RH
Z7
.
6
65
.
1
80
.
10
60
.
17
.
37
0
1
A
0
6
J
A
M
SK
RK
Z7
.
6
67
.
3
70
.
10
60
.
11
.
48
.
6
9
4
6
J
A
M
SL
RL
Z1
.
1
79
.
6
80
.
14
60
.
15
.
34
1
1
A
4
6
J
A
M
SM
RM
Z1
.
1
76
.
8
70
.
14
60
.
19
.
33
0
1
0
7
J
A
M
SN
RN
Z8
.
7
71
.
5
90
.
10
70
.
12
.
35
2
1
A
0
7
J
A
M
SP
RP
Z8
.
7
70
.
6
80
.
10
70
.
15
.
33
1
1
5
7
J
A
M
SQ
RQ
Z3
.
3
82
0
10
.
15
70
.
10
.
34
3
1
A
5
7
J
A
M
SR
RR
Z3
.
3
81
.
2
90
.
15
70
.
13
.
31
2
1
8
7
J
A
M
SS
RS
Z7
.
6
86
0
10
.
18
70
.
19
.
29
3
1
A
8
7
J
A
M
ST
RT
Z7
.
6
88
.
5
90
.
18
70
.
12
.
36
2
1
5
8
J
A
M
SU
RU
Z4
.
4
95
1
10
.
15
80
.
10
.
21
5
1
A
5
8
J
A
M
SV
RV
Z4
.
4
94
0
10
.
15
80
.
12
.
27
3
1
0
9
J
A
M
SW
RW
Z0
0
12
2
10
.
10
90
.
19
.
10
6
1
A
0
9
J
A
M
SX
RX
Z0
0
11
1
10
.
10
90
.
11
.
26
4
1
0
0
1
J
A
M
SY
RY
Z1
1
16
3
10
.
10
0
10
.
17
.
19
7
1
A
0
0
1
J
A
M
SZ
RZ
Z1
1
13
2
10
.
10
0
10
.
19
.
12
6
1
0
1
1
J
A
M
SD
SD
V2
2
19
4
10
.
10
1
10
.
15
.
16
9
1
A
0
1
1
J
A
M
SE
SE
V2
2
15
3
10
.
10
1
10
.
17
.
17
7
1
0
2
1
J
A
M
SF
SF
V3
3
13
6
10
.
10
2
10
.
14
.
14
1
2
A
0
2
1
J
A
M
SG
SG
V3
3
17
4
10
.
10
2
10
.
16
.
13
9
1
0
3
1
J
A
M
SH
SH
V4
4
16
7
10
.
10
3
10
.
13
.
11
3
2
A
0
3
1
J
A
M
SK
SK
V4
4
19
5
10
.
10
3
10
.
14
.
19
0
2
0
5
1
J
A
M
SL
SL
V7
6
14
0
20
.
10
5
10
.
11
.
18
6
2
A
0
5
1
J
A
M
SM
SM
V7
6
15
8
10
.
10
5
10
.
12
.
13
4
2
0
6
1
J
A
M
SN
SN
V8
7
18
1
20
.
10
6
10
.
10
.
17
8
2
A
0
6
1
J
A
M
SP
SP
V8
7
17
9
10
.
10
6
10
.
12
.
19
5
2
0
7
1
J
A
M
SQ
SQ
V9
8
11
3
20
.
10
7
10
.
19
9
.
04
0
3
A
0
7
1
J
A
M
SR
SR
V9
8
19
0
20
.
10
7
10
.
19
0
.
15
7
2
A
0
8
1
J
A
M
ST
ST
V1
0
22
2
20
.
10
8
10
.
14
.
12
9
2
A
0
0
2
J
A
M
SV
SV
V4
2
27
4
20
.
10
0
20
.
12
.
14
2
3
A
0
2
2
J
A
M
SX
SX
V6
4
22
7
20
.
10
2
20
.
11
.
16
5
3
A
0
5
2
J
A
M
SZ
SZ
V9
7
29
0
30
.
10
5
20
.
10
.
15
0
4
A
0
0
3
J
A
M
SE
TE
U5
3
31
7
30
.
10
0
30
.
18
.
06
8
4
A
0
5
3
J
A
M
SG
TG
U1
9
32
3
40
.
10
5
30
.
17
.
07
6
5
A
0
0
4
J
A
M
SK
TK
U7
4
44
9
40
.
10
0
40
.
16
.
08
4
6
A
0
4
4
J
A
M
SM
TM
U2
9
43
4
50
.
10
4
40
.
16
.
03
1
7
Notes:
1. V
(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having V
WM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For parts without A, the V
BR is +10%


Podobny numer części - SMAJ70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Socay Electornics Co., ...
SMAJ70 SOCAY-SMAJ70 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ70 JGD-SMAJ70 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Yangzhou yangjie electr...
SMAJ70 YANGJIE-SMAJ70 Datasheet
183Kb / 7P
   Surface Mount Transient Voltage Suppressor Diodes
logo
Socay Electornics Co., ...
SMAJ70 SOCAY-SMAJ70 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
RFE international
SMAJ70 RFE-SMAJ70 Datasheet
91Kb / 1P
   SURFACE MOUNT TVS & Zener Diodes
More results

Podobny opis - SMAJ70

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com