Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMAJ70A Arkusz danych(PDF) 2 Page - GOOD-ARK Electronics

Numer części SMAJ70A
Szczegółowy opis  Surface Mount Transient Voltage Suppressors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  GOOD-ARK [GOOD-ARK Electronics]
Strona internetowa  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics

SMAJ70A Arkusz danych(HTML) 2 Page - GOOD-ARK Electronics

  SMAJ70A Datasheet HTML 1Page - GOOD-ARK Electronics SMAJ70A Datasheet HTML 2Page - GOOD-ARK Electronics SMAJ70A Datasheet HTML 3Page - GOOD-ARK Electronics SMAJ70A Datasheet HTML 4Page - GOOD-ARK Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
573
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
Ratings at 25oC ambient temperature unless otherwise specified. V
F=3.5V at IF=25A (uni-directional only)
e
p
y
t
e
c
i
v
e
D
e
c
i
v
e
D
g
n
i
k
r
a
m
e
d
o
c
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
e
g
r
u
s
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
e
g
a
t
l
o
v
I
t
a
M
P
P
V
C
)
s
t
l
o
V
(
I
N
UI
B.
n
i
M.
x
a
M
0
.
5
J
A
M
SD
AD
W0
4
.
62
8
.
70
10
.
50
0
87
.
1
46
.
9
A
0
.
5
J
A
M
S
)
5
(
E
AE
W0
4
.
67
0
.
70
10
.
50
0
85
.
3
42
.
9
0
.
6
J
A
M
SF
AF
W7
6
.
65
1
.
80
10
.
60
0
81
.
5
34
.
1
1
A
0
.
6
J
A
M
SG
AG
W7
6
.
67
3
.
70
10
.
60
0
88
.
8
33
.
0
1
5
.
6
J
A
M
SH
AH
W2
2
.
72
8
.
80
15
.
60
0
55
.
2
33
.
2
1
A
5
.
6
J
A
M
SK
AK
W2
2
.
78
9
.
70
15
.
60
0
57
.
5
32
.
1
1
0
.
7
J
A
M
SL
AL
W8
7
.
71
5
.
90
10
.
70
0
21
.
0
33
.
3
1
A
0
.
7
J
A
M
SM
AM
W8
7
.
70
6
.
80
10
.
70
0
23
.
3
30
.
2
1
5
.
7
J
A
M
SN
AN
W3
3
.
82
.
0
10
.
15
.
70
0
10
.
8
23
.
4
1
A
5
.
7
J
A
M
SP
AP
W3
3
.
81
2
.
90
.
15
.
70
0
10
.
1
39
.
2
1
0
.
8
J
A
M
SQ
AQ
W9
8
.
89
.
0
10
.
10
.
80
57
.
6
20
.
5
1
A
0
.
8
J
A
M
SR
AR
W9
8
.
83
8
.
90
.
10
.
80
54
.
9
26
.
3
1
5
.
8
J
A
M
SS
AS
W4
4
.
95
.
1
10
.
15
.
80
12
.
5
29
.
5
1
A
5
.
8
J
A
M
ST
AT
W4
4
.
94
.
0
10
.
15
.
80
18
.
7
24
.
4
1
0
.
9
J
A
M
SU
AU
W0
.
0
12
.
2
10
.
10
.
90
.
57
.
3
29
.
6
1
A
0
.
9
J
A
M
SV
AV
W0
.
0
11
.
1
10
.
10
.
90
.
50
.
6
24
.
5
1
0
1
J
A
M
SW
AW
W1
.
1
16
.
3
10
.
10
10
.
13
.
1
28
.
8
1
A
0
1
J
A
M
SX
AX
W1
.
1
13
.
2
10
.
10
10
.
15
.
3
20
.
7
1
1
1
J
A
M
SY
AY
W2
.
2
19
.
4
10
.
11
10
.
19
.
9
11
.
0
2
A
1
1
J
A
M
SZ
AZ
W2
.
2
15
.
3
10
.
11
10
.
10
.
2
22
.
8
1
2
1
J
A
M
SD
BD
X3
.
3
13
.
6
10
.
12
10
.
12
.
8
10
.
2
2
A
2
1
J
A
M
SE
BE
X3
.
3
17
.
4
10
.
12
10
.
11
.
0
29
.
9
1
3
1
J
A
M
SF
BF
X4
.
4
16
.
7
10
.
13
10
.
18
.
6
18
.
3
2
A
3
1
J
A
M
SG
BG
X4
.
4
19
.
5
10
.
13
10
.
16
.
8
15
.
1
2
4
1
J
A
M
SH
BH
X6
.
5
11
.
9
10
.
14
10
.
15
.
5
18
.
5
2
A
4
1
J
A
M
SK
BK
X6
.
5
12
.
7
10
.
14
10
.
12
.
7
12
.
3
2
5
1
J
A
M
SL
BL
X7
.
6
14
.
0
20
.
15
10
.
19
.
4
19
.
6
2
A
5
1
J
A
M
SM
BM
X7
.
6
15
.
8
10
.
15
10
.
14
.
6
14
.
4
2
6
1
J
A
M
SN
BN
X8
.
7
18
.
1
20
.
16
10
.
19
.
3
18
.
8
2
A
6
1
J
A
M
SP
BP
X8
.
7
17
.
9
10
.
16
10
.
14
.
5
10
.
6
2
7
1
J
A
M
SQ
BQ
X9
.
8
11
.
3
20
.
17
10
.
11
.
3
15
.
0
3
A
7
1
J
A
M
SR
BR
X9
.
8
19
.
0
20
.
17
10
.
15
.
4
16
.
7
2
8
1
J
A
M
SS
BS
X0
.
0
24
.
4
20
.
18
10
.
14
.
2
12
.
2
3
A
8
1
J
A
M
ST
BT
X0
.
0
21
.
2
20
.
18
10
.
17
.
3
12
.
9
2
0
2
J
A
M
SU
BU
X2
.
2
21
.
7
20
.
10
20
.
12
.
1
18
.
5
3
A
0
2
J
A
M
SV
BV
X2
.
2
25
.
4
20
.
10
20
.
13
.
2
14
.
2
3
2
2
J
A
M
SW
BW
X4
.
4
28
.
9
20
.
12
20
.
12
.
0
14
.
9
3
A
2
2
J
A
M
SX
BX
X4
.
4
29
.
6
20
.
12
20
.
13
.
1
15
.
5
3
4
2
J
A
M
SY
BY
X7
.
6
26
.
2
30
.
14
20
.
13
.
90
.
3
4
A
4
2
J
A
M
SZ
BZ
X7
.
6
25
.
9
20
.
14
20
.
13
.
0
19
.
8
3
6
2
J
A
M
SD
CD
Y9
.
8
23
.
5
30
.
16
20
.
16
.
86
.
6
4
A
6
2
J
A
M
SE
CE
Y9
.
8
29
.
1
30
.
16
20
.
15
.
91
.
2
4
8
2
J
A
M
SF
CF
Y1
.
1
30
.
8
30
.
18
20
.
10
.
80
.
0
5
A
8
2
J
A
M
SG
CG
Y1
.
1
34
.
4
30
.
18
20
.
18
.
84
.
5
4
0
3
J
A
M
SH
CH
Y3
.
3
37
.
0
40
.
10
30
.
15
.
75
.
3
5
A
0
3
J
A
M
SK
CK
Y3
.
3
38
.
6
30
.
10
30
.
13
.
84
.
8
4
Notes:
1. V
(BR) measured after IT applied for 300us square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bi-directional types having V
WM of 10 Volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For the bidirectional SMAJ5.0CA, the maximum V
(BR) is 7.25V.


Podobny numer części - SMAJ70A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Jinan Gude Electronic D...
SMAJ70A JGD-SMAJ70A Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMAJ70A SOCAY-SMAJ70A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMAJ70A LITTELFUSE-SMAJ70A Datasheet
3Mb / 146P
   TVS Diode Products
logo
SUNMATE electronic Co.,...
SMAJ70A SUNMATE-SMAJ70A Datasheet
787Kb / 5P
   SURFACE MOUNT TRANSIENT VOLAGE SUPPESSOR DIODE
logo
First Silicon Co., Ltd
SMAJ70A FS-SMAJ70A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Podobny opis - SMAJ70A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results


Html Pages

1 2 3 4


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com