Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF4001 Arkusz danych(PDF) 2 Page - Weitron Technology

Numer części UF4001
Szczegółowy opis  Axial Lead Ultra Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEITRON [Weitron Technology]
Strona internetowa  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

UF4001 Arkusz danych(HTML) 2 Page - Weitron Technology

  UF4001 Datasheet HTML 1Page - Weitron Technology UF4001 Datasheet HTML 2Page - Weitron Technology UF4001 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
VRRM
VRMS
50
35
50
100
70
100
200
140
200
400
280
400
600
420
600
800
560
800
1000
700
1000
WEITRON
UF4001 UF4002 UF4003 UF4004 UF4005 UF4006 UF4007
http://www.weitron.com.tw
2/3
UF4001 thru UF4007
09-Aug-07
Maximum Rating
Characteristic
VDC
IF
VF
TSTG
1.0
1.0
1.7
-55 to +150
V
V
V
Uuits
A
V
Symbol
°C
Maximum Instantaneous Forward Voltage
at Specied Current
Operating and Storage temperature range
Trr
Tj,
nS
Maximum Reverse Recovery Time
IR
5.0
50
75
µA
Maximum DC Reverse Current
Maximum average forward rectied current
@ Ta = 55˚C
Maximum repetitive peak reverse voltage
@ IT = 5µA
Maximum RMS voltage
Maximum DC blocking voltage


Podobny numer części - UF4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
UF4001 DYELEC-UF4001 Datasheet
968Kb / 2P
   1.0 AMP. Ultra Fast Rectifiers
logo
Leshan Radio Company
UF4001 LRC-UF4001 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
List of Unclassifed Man...
UF4001 ETC1-UF4001 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Podobny opis - UF4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
UF5401 WEITRON-UF5401 Datasheet
915Kb / 3P
   Axial Lead Ultra Fast Rectifiers
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Weitron Technology
SF21 WEITRON-SF21 Datasheet
1Mb / 3P
   Axial Lead Super Fast Rectifiers
logo
ON Semiconductor
MR850 ONSEMI-MR850_11 Datasheet
87Kb / 4P
   Axial Lead Fast Recovery Rectifiers
May, 2011 ??Rev. 6
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Formosa MS
MUR4100 FORMOSA-MUR4100 Datasheet
100Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
MUR460 FORMOSA-MUR460 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
MUR260 FORMOSA-MUR260 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
logo
Electronic devices inc.
RWB EDI-RWB Datasheet
75Kb / 2P
   5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com