Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

UF4001 Arkusz danych(PDF) 3 Page - Weitron Technology

Numer części UF4001
Szczegółowy opis  Axial Lead Ultra Fast Rectifiers
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  WEITRON [Weitron Technology]
Strona internetowa  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology

UF4001 Arkusz danych(HTML) 3 Page - Weitron Technology

  UF4001 Datasheet HTML 1Page - Weitron Technology UF4001 Datasheet HTML 2Page - Weitron Technology UF4001 Datasheet HTML 3Page - Weitron Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AMBIENAVERAGE FORWARD CURRENT, (A)
20
1
0
3
1
1
5
5
8
.
3
2
2
0
5
2
1
5
16.8
10
12.5
20
9
50
5.5
100
4
3
3
1
9
1
1
1
0
.
0
8
8
.
0
1
0
.
0
2
7
.
0
4
2
2
4
1
2
2
3
0
.
0
9
.
0
4
0
.
0
5
7
.
0
5
.
6
1
5
0
1
5
5
9
0
.
0
5
9
.
0
2
.
0
8
.
0
2
.
3
1
0
1
1
.
8
0
1
8
1
.
0
1
2
5
.
0
5
8
.
0
4
.
1
1
0
2
3
.
7
0
2
4
.
0
1
.
1
5
0
.
1
9
.
0
6
.
0
1
0
5
7
.
6
0
5
7
.
0
2
2
.
1
6
.
2
1
2
.
0
1
0
0
1
5
.
6
0
0
1
2
2
.
1
4
.
1
5
1
.
1
1.2
8
1.5
1.55
1.25
10
1.6
1.8
Fig. 1 - Forward Current Derating Curve
Fig. 2 - Peak Forward Surge Current
Fig. 3 - Typical Forward Characteristics
FIG.4 - Typical Junction Capacitance
Single phase half wave
Resistive or Inductive load
0.0
0.2
0.4
0.6
0.8
1.0
25
50
75
100
125
150
Ambient Temperature , (℃)
Pulse width 8.3 ms
single half-sine-wave
0
10
20
30
0
0
1
0
1
1
Number of Cycles at 60 Hz
0.01
0.1
1
10
0.6
0.8
1
1.2
1.4
1.6
INSTANTANEOUS FORWARD VOLTAGE , VOLTS
UF4001 to UF4004
UF4005 to UF4007
TJ = 25
Pulse Width = 300us
1
10
100
0
0
1
0
1
1
Reverse Voltage,(V)
Tj = 25
f = 1MHz
UF40001 to UF4004
UF4005 to UF4007
WEITRON
http://www.weitron.com.tw
3/3
UF4001 thru UF4007
09-Aug-07
RATINGAND CHARACTERISTIC CURVES


Podobny numer części - UF4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Won-Top Electronics
UF4001 WTE-UF4001 Datasheet
49Kb / 3P
   1.0A ULTRAFAST RECOVERY RECTIFIER
logo
DIYI Electronic Technol...
UF4001 DYELEC-UF4001 Datasheet
968Kb / 2P
   1.0 AMP. Ultra Fast Rectifiers
logo
Taiwan Semiconductor Co...
UF4001 TSC-UF4001 Datasheet
599Kb / 2P
   1.0 AMP. Glass Passivated High Efficient Rectifiers
logo
Leshan Radio Company
UF4001 LRC-UF4001 Datasheet
289Kb / 7P
   Ultrafast Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
logo
List of Unclassifed Man...
UF4001 ETC1-UF4001 Datasheet
206Kb / 2P
   CURRENT 1.0 Ampere VOLTAGE 50 to 1000 Volts
More results

Podobny opis - UF4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Weitron Technology
UF5401 WEITRON-UF5401 Datasheet
915Kb / 3P
   Axial Lead Ultra Fast Rectifiers
logo
Digitron Semiconductors
1N4933 DIGITRON-1N4933 Datasheet
92Kb / 2P
   AXIAL-LEAD FAST RECOVERY RECTIFIERS
logo
Weitron Technology
SF21 WEITRON-SF21 Datasheet
1Mb / 3P
   Axial Lead Super Fast Rectifiers
logo
ON Semiconductor
MR850 ONSEMI-MR850_11 Datasheet
87Kb / 4P
   Axial Lead Fast Recovery Rectifiers
May, 2011 ??Rev. 6
MR850 ONSEMI-MR850 Datasheet
43Kb / 4P
   Axial Lead Fast Recovery Rectifiers
July, 2006 ??Rev. 5
logo
Formosa MS
MUR4100 FORMOSA-MUR4100 Datasheet
100Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
MUR460 FORMOSA-MUR460 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
MUR260 FORMOSA-MUR260 Datasheet
99Kb / 6P
   Axial Leaded Ultra Fast Rectifiers
logo
Electronic devices inc.
RWB EDI-RWB Datasheet
75Kb / 2P
   5 AMPERE FAST RECOVERY AXIAL LEAD RECTIFIERS
logo
Motorola, Inc
MBR150 MOTOROLA-MBR150 Datasheet
95Kb / 4P
   Axial Lead Rectifiers
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com