Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STK433-130-E Arkusz danych(PDF) 4 Page - Sanyo Semicon Device

Numer części STK433-130-E
Szczegółowy opis  Thick-Film Hybrid IC 2-channel class AB audio power IC, 150W150W
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANYO [Sanyo Semicon Device]
Strona internetowa  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK433-130-E Arkusz danych(HTML) 4 Page - Sanyo Semicon Device

  STK433-130-E Datasheet HTML 1Page - Sanyo Semicon Device STK433-130-E Datasheet HTML 2Page - Sanyo Semicon Device STK433-130-E Datasheet HTML 3Page - Sanyo Semicon Device STK433-130-E Datasheet HTML 4Page - Sanyo Semicon Device STK433-130-E Datasheet HTML 5Page - Sanyo Semicon Device STK433-130-E Datasheet HTML 6Page - Sanyo Semicon Device STK433-130-E Datasheet HTML 7Page - Sanyo Semicon Device STK433-130-E Datasheet HTML 8Page - Sanyo Semicon Device STK433-130-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
STK433-130-E
No. A1596-4/11
Application Circuit Example
Sample PCB Trace Pattern
2
3
4
5
6
7
8
9
10
11
12
13
14
1
15
Ch1 OUT
GND
GND
+VCC
-VCC
STK433-130-E
SUB.GND
100
μF
/100V
100
Ω/1W
100
μF
/100V
100
μF
/100V
56k
Ω
3pF
56k
Ω
3pF
Ch2 OUT
GND
3
μH
3
μH
4.7
Ω
4.7
Ω/1W
4.7
Ω
4.7
Ω/1W
0.1
μF
Ch2 IN
GND
Ch1 IN
2.2
μF
/50V
2.2
μF
/50V
1k
Ω
1k
Ω
+VCC
Ch1
IN
Ch1
NF
Ch2
IN
Ch2
NF
Ch2
OUT
Ch1
OUT
-VCC
SUB
GND
+PRE
ST-BY
0.1
μF
10
μF
/10V
1.8k
Ω
10
μF
/10V
1.8k
Ω
Stand-by Control (V#13)
Ch1
OUT
Ch2
OUT
-PRE
100
Ω
/1W
100
μF
/100V
100pF
100pF
C23


Podobny numer części - STK433-130-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sunspirit Electronic Lt...
STK433-130LF SUNSPIRIT-STK433-130LF Datasheet
355Kb / 2P
   2-channel class AB audio power IC, 100W100W
logo
Sanyo Semicon Device
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
   2channel class-AB Audio Power IC 150W150W
logo
ON Semiconductor
STK433-130N-E ONSEMI-STK433-130N-E Datasheet
375Kb / 11P
   2ch class-AB Audio Power IC
April, 2013
More results

Podobny opis - STK433-130-E

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanyo Semicon Device
STK433-330N-E SANYO-STK433-330N-E Datasheet
279Kb / 11P
   3channel class-AB Audio Power IC 150W150W150W
STK433-130N-E SANYO-STK433-130N-E Datasheet
291Kb / 11P
   2channel class-AB Audio Power IC 150W150W
STK433-290-E SANYO-STK433-290-E Datasheet
209Kb / 13P
   Thick-Film Hybrid IC 3-channel class AB audio power IC, 3-channel class AB audio power IC,
STK433-100-E SANYO-STK433-100-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 100W100W
STK433-120-E SANYO-STK433-120-E Datasheet
185Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 120W120W
STK433-060-E SANYO-STK433-060-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 50W50W
STK433-070-E SANYO-STK433-070-E Datasheet
228Kb / 11P
   Thick-Film Hybrid IC 2-channel class AB audio power IC, 60W60W
STK433-040-E SANYO-STK433-040-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 40W40W
STK433-030-E SANYO-STK433-030-E Datasheet
228Kb / 11P
   2-channel class AB audio power IC, 30W30W
STK433-730-E SANYO-STK433-730-E Datasheet
177Kb / 12P
   2-channel class AB audio power IC, 30W30W
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com