Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SMA6851M Arkusz danych(PDF) 4 Page - Sanken electric

Numer części SMA6851M
Szczegółowy opis  High Voltage 3-Phase Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMA6851M Arkusz danych(HTML) 4 Page - Sanken electric

  SMA6851M Datasheet HTML 1Page - Sanken electric SMA6851M Datasheet HTML 2Page - Sanken electric SMA6851M Datasheet HTML 3Page - Sanken electric SMA6851M Datasheet HTML 4Page - Sanken electric SMA6851M Datasheet HTML 5Page - Sanken electric SMA6851M Datasheet HTML 6Page - Sanken electric SMA6851M Datasheet HTML 7Page - Sanken electric SMA6851M Datasheet HTML 8Page - Sanken electric SMA6851M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
High Voltage 3-Phase Motor Driver
SMA6851M
4
ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted
Characteristics
Symbol
Conditions
Min
Typ
Max
Units
Logic Supply Voltage
VCC
Between VCC and COM
13.5
15
16.5
V
Logic Supply Current
ICC
VCC = 15 V, IREG = 0 A
4
6
mA
Input Voltage
VIH
VCC = 15 V, output on
2.0
2.5
V
VIL
VCC = 15 V, output off
1.0
1.5
V
Input Voltage Hysteresis
VIhys
VCC = 15 V
0.5
V
Input Current
IIH
High side, VCC = 15 V, VIN = 5 V
50
100
μA
IIL
Low side, VCC = 15 V, VIN = 0 V
2
μA
Undervoltage Lock Out
VUVHL
High side, between VB and U, V, or W
9.0
10.0
11.0
V
VUVHH
9.5
10.5
11.5
V
VUVHhys
High side, hysteresis
0.5
V
VUVLL
Low side, between VCC and COM
10.0
11.0
12.0
V
VUVLH
10.5
11.5
12.5
V
VUVLhys
Low side, hysteresis
0.5
V
FO Terminal Output Voltage
VFOL
VCC = 15 V
0
1.0
V
VFOH
4.0
5.5
V
Overtemperature Detection Threshold
Temperature (activation and
deactivation)
TDH
VCC = 15 V, no heatsink
130
145
160
°C
TDL
105
120
135
°C
TDhys
15
25
35
°C
Output Voltage for Regulator
VREG
IREG = 35 mA, TC = –20°C to 100°C
6.75
7.5
8.25
V
Bootstrap Diode Leakage Current
ILBD
VR = 500 V
5
10
μA
Bootstrap Diode Forward Voltage
VFBD
IF = 0.15 A
1.1
1.3
V
Bootstrap Diode Series Resistor
RBD
17.6
22
26.4
Ω
MOSFET Breakdown Voltage
VDSS
VCC = 15 V, ID = 100 μA, VIN = 0 V
250
V
MOSFET Leakage Current
IDSS
VCC = 15 V, VDS = 500 V, VIN = 0 V
100
μA
MOSFET On State Resistance
RDS(on)
VCC = 15 V, ID = 1 A, VIN = 5 V
1.4
1.8
Ω
MOSFET Diode Forward Voltage
VSD
VCC = 15 V, ISD = 1 A, VIN = 0 V
1.1
1.5
V
MOSFET Diode Recovery Time
trr
ISD = 1.5 A, di / dt = 100 A/μs
50
ns
Switching Time, High Side
tdH(on)
VBB = 300 V, VCC = 15 V, ID = 1.5 A, 0 V ≤ VIN ≤ 5 V
650
ns
trH
100
ns
tdH(off)
370
ns
tfH
–10–
ns
Switching Time, Low Side
tdL(on)
600
ns
trL
100
ns
tdL(off)
300
ns
tfL
–10–
ns
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com


Podobny numer części - SMA6851M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SMA6851M SANKEN-SMA6851M Datasheet
334Kb / 15P
   High Voltage 3-Phase Motor Drivers
More results

Podobny opis - SMA6851M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SCM1106M ALLEGRO-SCM1106M Datasheet
376Kb / 10P
   High Voltage 3 Phase Motor Driver
logo
Sanken electric
SMA6821MP SANKEN-SMA6821MP Datasheet
251Kb / 13P
   High Voltage 3-Phase Motor Driver
SMA6853M SANKEN-SMA6853M Datasheet
264Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6863M SANKEN-SMA6863M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
logo
Allegro MicroSystems
SCM-1101M ALLEGRO-SCM-1101M Datasheet
338Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1106M ALLEGRO-SCM-1106M Datasheet
336Kb / 11P
   High Voltage 3-Phase Motor Driver
SCM-1105MF ALLEGRO-SCM-1105MF Datasheet
416Kb / 11P
   High Voltage 3-Phase Motor Driver
logo
Sanken electric
SLA6828M SANKEN-SLA6828M Datasheet
244Kb / 13P
   High Voltage 3-Phase Motor Driver
SLA6805MP SANKEN-SLA6805MP Datasheet
351Kb / 14P
   High Voltage 3-Phase Motor Driver
SLA6816MP SANKEN-SLA6816MP Datasheet
354Kb / 14P
   High Voltage 3-Phase Motor Driver
SMA6862M SANKEN-SMA6862M Datasheet
237Kb / 13P
   High Voltage 3-Phase Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com