Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

STD03P Arkusz danych(PDF) 1 Page - Sanken electric

Numer części STD03P
Szczegółowy opis  Darlington Transistors for Audio Amplifiers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

STD03P Arkusz danych(HTML) 1 Page - Sanken electric

  STD03P Datasheet HTML 1Page - Sanken electric STD03P Datasheet HTML 2Page - Sanken electric STD03P Datasheet HTML 3Page - Sanken electric STD03P Datasheet HTML 4Page - Sanken electric STD03P Datasheet HTML 5Page - Sanken electric STD03P Datasheet HTML 6Page - Sanken electric STD03P Datasheet HTML 7Page - Sanken electric STD03P Datasheet HTML 8Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Darlington Transistor with built-in compensation diodes
STD03N
March, 2006
.
Sanken Electric Co.,Ltd.
T01-001EA-060309
■Features
● High collector power dissipation: Pc=160W (with TO-3P)
● Low internal impedance by means of thinner die structure
● Built-in temperature compensation diode
● Complementary to STD03P
■Applications
● Audio output
■Equivalent circuit
■Package--- MT-105 (TO3P 5-pin)
Absolute maximum ratings
(Ta= 25°C)
Parameter
Symbol
Rating
Unit
Collector-Base Voltage
VCBO
160
V
Collector-Emitter Voltage
VCEO
160
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC
15
A
Base Current
IB
1
A
Collector Power Dissipation
PC
160 (Tc= 25°C)
W
Diode Forward Current
Di VF
10
mA
Junction Temperature
Tj
150
°C
Storage Temperature
Tstg
-55 to 150
°C
B(1)
E(5)
C(3)
K(2)
http://www.sanken-ele.co.jp/en/
1/8


Podobny numer części - STD03P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
STD03P ALLEGRO-STD03P Datasheet
363Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD03P SANKEN-STD03P Datasheet
393Kb / 8P
   Darlington Transistor with built-in compensation diodes
More results

Podobny opis - STD03P

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
STD03N ALLEGRO-STD03N Datasheet
363Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD02N SANKEN-STD02N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
STD01N SANKEN-STD01N Datasheet
291Kb / 9P
   Darlington Transistors for Audio Amplifiers
logo
Allegro MicroSystems
STD01N ALLEGRO-STD01N Datasheet
343Kb / 7P
   Darlington Transistors for Audio Amplifiers
STD02N ALLEGRO-STD02N Datasheet
344Kb / 7P
   Darlington Transistors for Audio Amplifiers
logo
Sanken electric
STD01N SANKEN-STD01N Datasheet
290Kb / 9P
   Darlington Transistors for Audio Amplifiers
SAP15P SANKEN-SAP15P Datasheet
135Kb / 6P
   Darlington transistors with built-in temperature compensation diodes for audio amplifier applications
logo
Fairchild Semiconductor
BD159STU FAIRCHILD-BD159STU Datasheet
44Kb / 4P
   For T.V Radio Audio Output Amplifiers
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
   Darlington Transistors
logo
ON Semiconductor
MMBTA63LT1G ONSEMI-MMBTA63LT1G Datasheet
93Kb / 4P
   Darlington Transistors
October, 2016 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com