Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM206 Arkusz danych(PDF) 2 Page - PACELEADER INDUSTRIAL

Numer części SM206
Szczegółowy opis  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PACELEADER [PACELEADER INDUSTRIAL]
Strona internetowa  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SM206 Arkusz danych(HTML) 2 Page - PACELEADER INDUSTRIAL

  SM206 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SM206 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
SM201 thru SM207
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
RATINGS AND CHARACTERISTIC CURVES SM201 THRU SM207
FIG. 2 - MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG. 1 - DERATING CURVE FOR OUTPUT
RECTIFIER CURRENT
FIG. 3 - TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
FIG. 4 - TYPICAL JUNCTION CAPACITANCE
2.0
100
90
80
70
60
50
40
30
20
10
10
100
1
1.0
0
25
10
100
100
10
10
1
1
1.0
0.1
.01
.4
.6
.8
1.0
1.2
1.4
1.6
50
75
100
125
150
175
o
AMBIENTTEMPERATURE( C)
NUMBER OF CYCLES AT 60Hz
FORWARD VOLTAGE.(V)
REVERSE VOLTAGE. (V)
www.paceleader.com.tw


Podobny numer części - SM206

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SUNMATE electronic Co.,...
SM206 SUNMATE-SM206 Datasheet
279Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
SM2060D SECOS-SM2060D Datasheet
62Kb / 2P
   20.0 AMP Surface Mount Schottky Barrier Rectifiers
SM2060D SECOS-SM2060D Datasheet
298Kb / 2P
   Voltage 20V~ 100V 20.0 Amp Schottky Barrier Rectifiers
More results

Podobny opis - SM206

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PACELEADER INDUSTRIAL
SM4001 PACELEADER-SM4001 Datasheet
798Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
LM4001G SEMTECH_ELEC-LM4001G Datasheet
281Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
PACELEADER INDUSTRIAL
SM5391 PACELEADER-SM5391 Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
LL4001G SEMTECH_ELEC-LL4001G Datasheet
409Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Formosa MS
LM4007G FORMOSA-LM4007G Datasheet
254Kb / 2P
   Surface Mount Glass Passivated Silicon Rectifiers
logo
PACELEADER INDUSTRIAL
SM5400 PACELEADER-SM5400 Datasheet
226Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
SHIKUES Electronics
LM4001G SKTECHNOLGY-LM4001G Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G_1 Datasheet
260Kb / 2P
   1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com