Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SM5403 Arkusz danych(PDF) 2 Page - PACELEADER INDUSTRIAL

Numer części SM5403
Szczegółowy opis  SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  PACELEADER [PACELEADER INDUSTRIAL]
Strona internetowa  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SM5403 Arkusz danych(HTML) 2 Page - PACELEADER INDUSTRIAL

  SM5403 Datasheet HTML 1Page - PACELEADER INDUSTRIAL SM5403 Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
RATINGS AND CHARACTERISTIC CURVES SM5400 THRU SM5408
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
SM5400 thru SM5408
3.0
2.5
2.0
1.5
1.0
10
1.0
0.1
.01
100
100
50
10
10
1
1
0.5
0
0
.4
.6
.8
1.0
1.2
1.4
1.6
100
10
1
0
20
40
4
60
80
100
0.1
0.01
25
50
75
100
125
150
FIG. 1 - DERATING CURVE FOR OUTPUT
RECTIFIER CURRENT
SINGLE PHASE
HALF WAVE60Hz
INDUCTIVE LOAD
P.C.B MOUNTED
ON 0.315"~0.315"
(8.0mmX8.0mm)
COPPER AREAS
o
Ta ( C)
o
Tamb, ambient temperature ( C)
FIG. 2 - MAXIMUM NON - REPETITIVE PEAK
FORWARD SURGE CURRENT
175
150
125
100
75
50
0
0
10
100
1
NUMBER OF CYCLES AT60Hz
8.3ms SINGLE HALF SINE-WAVE
o
(JEDEC Method) T = 25 C
J
FIG. 4 - TYPICAL REVERSE CHARACTERISTICS
FIG. 3 -TYPICAL INSTANTANEOUS FORWARD
CHARACTERISTICS
Pulse Width=300
s
2% Duty Cycle
o
TJ=25 C
o
TJ=25 C
o
TJ=125 C
VF(V)
INSTANTANEOUS FORWARD VOLTAGE. (V)
PERCENT OF RATED PEAK
REVERSE VOLTAGE. (%)
REVERSE VOLTAGE. (V)
o
T =25 C
J
f=1.0MHz
Vslg=50mVp-p
FIG. 5 -TYPICAL JUNCTION CAPACITANCE
www.paceleader.com.tw


Podobny numer części - SM5403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Diotec Semiconductor
SM5403 DIOTEC-SM5403 Datasheet
164Kb / 2P
   Surface Mount Si-Rectifiers
logo
Semikron International
SM5403 SEMIKRON-SM5403 Datasheet
107Kb / 2P
   Standard silicon rectifier diodes
logo
Shenzhen Luguang Electr...
SM5403 LUGUANG-SM5403 Datasheet
150Kb / 2P
   Surface Mount Rectifiers
logo
Changzhou Shunye Electr...
SM5403 SY-SM5403 Datasheet
330Kb / 2P
   GENERAL PURPOSE SILICON RECTIFIER
More results

Podobny opis - SM5403

ProducentNumer częściArkusz danychSzczegółowy opis
logo
PACELEADER INDUSTRIAL
SM4001 PACELEADER-SM4001 Datasheet
798Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
SM201 PACELEADER-SM201 Datasheet
173Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
LM4001G SEMTECH_ELEC-LM4001G Datasheet
281Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
PACELEADER INDUSTRIAL
SM5391 PACELEADER-SM5391 Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
SEMTECH ELECTRONICS LTD...
LL4001G SEMTECH_ELEC-LL4001G Datasheet
409Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Formosa MS
LM4007G FORMOSA-LM4007G Datasheet
254Kb / 2P
   Surface Mount Glass Passivated Silicon Rectifiers
logo
SHIKUES Electronics
LM4001G SKTECHNOLGY-LM4001G Datasheet
1Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED SILICON RECTIFIERS
logo
Taiwan Semiconductor Co...
LL4933G TSC-LL4933G_1 Datasheet
260Kb / 2P
   1.0AMP Surface Mount Glass Passivated Silicon Rectifiers
logo
HY ELECTRONIC CORP.
S2AA HY-S2AA Datasheet
99Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED RECTIFIERS
S3AB HY-S3AB_19 Datasheet
266Kb / 3P
   Surface Mount Glass Passivated Rectifiers
More results


Html Pages

1 2


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com