Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1438BRUZ Arkusz danych(PDF) 2 Page - Analog Devices

Numer części ADG1438BRUZ
Szczegółowy opis  Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1438BRUZ Arkusz danych(HTML) 2 Page - Analog Devices

  ADG1438BRUZ Datasheet HTML 1Page - Analog Devices ADG1438BRUZ Datasheet HTML 2Page - Analog Devices ADG1438BRUZ Datasheet HTML 3Page - Analog Devices ADG1438BRUZ Datasheet HTML 4Page - Analog Devices ADG1438BRUZ Datasheet HTML 5Page - Analog Devices ADG1438BRUZ Datasheet HTML 6Page - Analog Devices ADG1438BRUZ Datasheet HTML 7Page - Analog Devices ADG1438BRUZ Datasheet HTML 8Page - Analog Devices ADG1438BRUZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
ADG1438/ADG1439
Rev. 0 | Page 2 of 20
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Functional Block Diagram .............................................................. 1
 
General Description ......................................................................... 1
 
Product Highlights ........................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
±15 V Dual Supply ....................................................................... 3
 
12 V Single Supply........................................................................ 5
 
±5 V Dual Supply ......................................................................... 7
 
Continuous Current per Channel .............................................. 8
 
Timing Characteristics ................................................................ 9
 
Timing Diagram ........................................................................... 9
 
Absolute Maximum Ratings.......................................................... 10
 
Thermal Resistance .................................................................... 10
 
ESD Caution................................................................................ 10
 
Pin Configurations and Function Descriptions ......................... 11
 
Typical Performance Characteristics ........................................... 13
 
Test Circuits..................................................................................... 16
 
Terminology .................................................................................... 18
 
Theory of Operation ...................................................................... 19
 
Serial Interface ............................................................................ 19
 
Input Shift Register .................................................................... 19
 
Power-On Reset.......................................................................... 19
 
Daisy-Chaining........................................................................... 19
 
Outline Dimensions ....................................................................... 20
 
Ordering Guide .......................................................................... 20
 
REVISION HISTORY
10/09—Revision 0: Initial Version


Podobny numer części - ADG1438BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1433 AD-ADG1433 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL AD-ADG1433YCPZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YCPZ-REEL7 AD-ADG1433YCPZ-REEL7 Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ AD-ADG1433YRUZ Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
ADG1433YRUZ-REEL AD-ADG1433YRUZ-REEL Datasheet
434Kb / 20P
   4 OHM RON, Triple/Quad SPDT -15 V/12 V/-5 V iCMOS Switches
REV. 0
More results

Podobny opis - ADG1438BRUZ

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1421 AD-ADG1421 Datasheet
476Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
REV. 0
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com