Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADG1423BRMZ-REEL7 Arkusz danych(PDF) 4 Page - Analog Devices

Numer części ADG1423BRMZ-REEL7
Szczegółowy opis  2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS Dual SPST Switches
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  AD [Analog Devices]
Strona internetowa  http://www.analog.com
Logo AD - Analog Devices

ADG1423BRMZ-REEL7 Arkusz danych(HTML) 4 Page - Analog Devices

  ADG1423BRMZ-REEL7 Datasheet HTML 1Page - Analog Devices ADG1423BRMZ-REEL7 Datasheet HTML 2Page - Analog Devices ADG1423BRMZ-REEL7 Datasheet HTML 3Page - Analog Devices ADG1423BRMZ-REEL7 Datasheet HTML 4Page - Analog Devices ADG1423BRMZ-REEL7 Datasheet HTML 5Page - Analog Devices ADG1423BRMZ-REEL7 Datasheet HTML 6Page - Analog Devices ADG1423BRMZ-REEL7 Datasheet HTML 7Page - Analog Devices ADG1423BRMZ-REEL7 Datasheet HTML 8Page - Analog Devices ADG1423BRMZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ADG1421/ADG1422/ADG1423
Rev. 0 | Page 4 of 16
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
POWER REQUIREMENTS
VDD = +16.5 V, VSS = −16.5 V
IDD
0.002
μA typ
Digital inputs = 0 V or VDD
1.0
μA max
IDD
120
μA typ
Digital inputs = 5 V
190
μA max
ISS
0.002
μA typ
Digital inputs = 0 V, 5 V, or VDD
1.0
μA max
VDD/VSS
±4.5/±16.5
V min/max
Ground = 0 V
1 Guaranteed by design, not subject to production test.
+12 V SINGLE SUPPLY
VDD = 12 V ± 10%, VSS = 0 V, GND = 0 V, unless otherwise noted.
Table 2.
Parameter
25°C
−40°C to
+85°C
−40°C to
+125°C
Unit
Test Conditions/Comments
ANALOG SWITCH
Analog Signal Range
0 V to VDD
V
On Resistance, RON
4
Ω typ
VS = 0 V to 10 V, IS = −10 mA; see Figure 23
4.6
5.5
6.2
Ω max
VDD = 10.8 V, VSS = 0 V
On Resistance Match Between Channels, ∆RON
0.03
Ω typ
VS = 0 V to 10 V, IS = −10 mA
0.15
0.17
0.18
Ω max
On Resistance Flatness, RFLAT (ON)
1.2
Ω typ
VS = 0V to 10 V, IS = −10 mA
1.5
1.75
1.9
Ω max
LEAKAGE CURRENTS
VDD = 13.2 V, VSS = 0 V
Source Off Leakage, IS (Off )
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 24
±0.5
±2
±75
nA max
Drain Off Leakage, ID (Off )
±0.05
nA typ
VS = 1 V/10 V, VD = 10 V/1 V; see Figure 24
±0.5
±2
±75
nA max
Channel On Leakage, ID, IS (On)
±0.1
nA typ
VS = VD = 1 V or 10 V; see Figure 25
±1
±2
±75
nA max
DIGITAL INPUTS
Input High Voltage, VINH
2.0
V min
Input Low Voltage, VINL
0.8
V max
Input Current, IINL or IINH
0.005
μA typ
VIN = VGND or VDD
±0.1
μA max
Digital Input Capacitance, CIN
4
pF typ
DYNAMIC CHARACTERISTICS1
tON
180
ns typ
RL = 300 Ω, CL = 35 pF
230
295
340
ns max
VS = 8 V; see Figure 26
tOFF
130
ns typ
RL = 300 Ω, CL = 35 pF
165
205
235
ns max
VS = 8 V; see Figure 26
Break-Before-Make Time Delay, tD (ADG1433 Only)
70
ns typ
RL = 300 Ω, CL = 35 pF
48
ns min
VS1 = VS2 = 8 V; see Figure 27
Charge Injection
30
pC typ
VS = 6 V, RS = 0 Ω, CL = 1 nF;
see Figure 28
Off Isolation
−60
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 29
Channel-to-Channel Crosstalk
−70
dB typ
RL = 50 Ω, CL = 5 pF, f = 1 MHz;
see Figure 30
−3 dB Bandwidth
140
MHz typ
RL = 50 Ω, CL = 5 pF; see Figure 31


Podobny numer części - ADG1423BRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BCPZ-REEL7 AD-ADG1401BCPZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ AD-ADG1401BRMZ Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1401BRMZ-REEL7 AD-ADG1401BRMZ-REEL7 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1402 AD-ADG1402 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
More results

Podobny opis - ADG1423BRMZ-REEL7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
ADG1401 AD-ADG1401 Datasheet
447Kb / 16P
   1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPST Switches
REV. 0
ADG1419 AD-ADG1419 Datasheet
512Kb / 16P
   2.1 廓 On Resistance, 짹15 V/12 V/짹5 V iCMOS SPDT Switch
REV. 0
ADG1436-EP AD-ADG1436-EP Datasheet
251Kb / 10P
   1.5 廓 On Resistance, 짹15 V/12 V/짹5 V, iCMOS, Dual SPDT Switch
Rev. 0
ADG1411 AD-ADG1411 Datasheet
228Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Quad SPST Switch
Rev. PrE
ADG1414 AD-ADG1414 Datasheet
462Kb / 20P
   9.5 廓 RON 짹15 V/12 V/짹5 V iCMOS Serially-Controlled Octal SPST Switches
REV. 0
ADG1436 AD-ADG1436 Datasheet
294Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V iCMOS??Dual SPDT Switch
Rev. PrC
ADG1404 AD-ADG1404 Datasheet
252Kb / 17P
   2??Max On Resistance, 짹15 V/12 V/짹5 V 4:1 iCMOS??Multiplexer
Rev.PrB
ADG1611 AD-ADG1611 Datasheet
436Kb / 16P
   1 廓 Typical On Resistance, 짹5 V, 12 V, 5 V, and 3.3 V Quad SPST Switches
REV. B
ADG1411 AD-ADG1411_15 Datasheet
295Kb / 16P
   1.5 On Resistance, 15 V/12 V/5 V, iCMOS, Quad SPST Switches
REV. B
ADG4612 AD-ADG4612 Datasheet
393Kb / 24P
   Power-Off Protection 짹5 V, 12 V, Quad SPST Switches with 5 廓 On Resistance
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com