Zakładka z wyszukiwarką danych komponentów |
|
ADG1606 Arkusz danych(PDF) 9 Page - Analog Devices |
|
ADG1606 Arkusz danych(HTML) 9 Page - Analog Devices |
9 / 24 page ADG1606/ADG1607 Rev. 0 | Page 9 of 24 PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS NC = NO CONNECT 1 2 3 4 5 6 7 8 9 10 11 12 13 14 28 27 26 25 24 23 22 21 20 19 18 17 16 15 NC NC S16 S13 S14 S15 VDD VSS S8 S7 S4 S5 S6 S12 S11 S10 A3 GND S9 S3 S2 S1 A2 NC A1 A0 EN D ADG1606 TOP VIEW (Not to Scale) Figure 3. ADG1606 TSSOP Pin Configuration NOTES 1. NC = NO CONNECT. 2. EXPOSED PAD TIED TO SUBSTRATE, VSS. PIN 1 INDICATOR 1 S16 2 S15 3 S14 4 S13 5 S12 6 S11 7 S10 8 S9 24 S8 23 S7 22 S6 21 S5 20 S4 19 S3 18 S2 17 S1 TOP VIEW (Not to Scale) ADG1606 Figure 4. ADG1606 LFCSP_VQ Pin Configuration Table 9. ADG1606 Pin Function Descriptions Pin No. TSSOP LFCSP_VQ Mnemonic Description 1 31 VDD Most Positive Power Supply Potential. 2, 3, 13 12, 13, 26, 27, 28, 30, 32 NC No Connect. 4 1 S16 Source Terminal 16. This pin can be an input or an output. 5 2 S15 Source Terminal 15. This pin can be an input or an output. 6 3 S14 Source Terminal 14. This pin can be an input or an output. 7 4 S13 Source Terminal 13. This pin can be an input or an output. 8 5 S12 Source Terminal 12. This pin can be an input or an output. 9 6 S11 Source Terminal 11. This pin can be an input or an output. 10 7 S10 Source Terminal 10. This pin can be an input or an output. 11 8 S9 Source Terminal 9. This pin can be an input or an output. 12 9 GND Ground (0 V) Reference. 14 10 A3 Logic Control Input. 15 11 A2 Logic Control Input. 16 14 A1 Logic Control Input. 17 15 A0 Logic Control Input. 18 16 EN Active High Digital Input. When this pin is low, the device is disabled and all switches are turned off. When this pin is high, the Ax logic inputs determine which switch is turned on. 19 17 S1 Source Terminal 1. This pin can be an input or an output. 20 18 S2 Source Terminal 2. This pin can be an input or an output. 21 19 S3 Source Terminal 3. This pin can be an input or an output. 22 20 S4 Source Terminal 4. This pin can be an input or an output. 23 21 S5 Source Terminal 5. This pin can be an input or an output. 24 22 S6 Source Terminal 6. This pin can be an input or an output. 25 23 S7 Source Terminal 7. This pin can be an input or an output. 26 24 S8 Source Terminal 8. This pin can be an input or an output. 27 25 VSS Most Negative Power Supply Potential. In single-supply applications, this pin can be connected to ground. 28 29 D Drain Terminal. This pin can be an input or an output. EPAD Exposed Pad The exposed pad is connected internally. For increased reliability of the solder joints and maximum thermal capability, it is recommended that the pad be soldered to the substrate, VSS. |
Podobny numer części - ADG1606 |
|
Podobny opis - ADG1606 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |