Zakładka z wyszukiwarką danych komponentów |
|
SA1582S Arkusz danych(PDF) 3 Page - Silan Microelectronics Joint-stock |
|
SA1582S Arkusz danych(HTML) 3 Page - Silan Microelectronics Joint-stock |
3 / 8 page SA1582 HANGZHOU SILAN MICROELECTRONICS CO.,LTD REV:1.2 2006.06.26 Http: www.silan.com.cn Page 3 of 8 ELECTRICAL CHARACTERISTICS (Tamb=25°C, SVCC=12V, PVCC=9V) PIN CONFIGURATION PIN DESCRIPTION Pin No. Symbol I/O Pin Function Description 1 GND -- Ground 2 VO1 O Output 1 3 VCTL I Motor speed control 4 VIN1 I Input 1 5 VIN2 I Input 2 6 SVCC -- Supply voltage (signal) 7 PVCC -- Supply voltage (Power) 8 VO2 O Output 2 Characteristics Symbol Test Condition Min. Typ. Max. Unit Quiescent Current ICC Pin4 & 5=GND, RL= ∞ 4 6.5 9.5 mA Min. Input-on Current 1 IIN1 RL= ∞, pin4=IIN1, Pin5=L -- 10 30 µA Min. Input-on Current 2 IIN2 RL= ∞, pin4=L, pin5=IIN -- 10 30 µA Input Threshold Voltage 1 VITH1 RL= ∞, pin4=VIN, pin5=L 1.0 1.3 1.6 V Input Threshold Voltage 2 VITH2 RL= ∞, pin4=L, pin5=VIN 1.0 1.3 1.6 V Output Leakage Current 1 IOL1 RL= ∞, pin4 & 5=GND -- 0.01 1 mA Output Leakage Current 2 IOL2 RL= ∞, pin4 & 5=GND -- 0.01 1 mA Zener Current 1 IZ1 RL= ∞, pin4=H, pin5=L -- 0.85 1.5 mA Zener Current 2 IZ2 RL= ∞, pin4=L, pin5=H -- 0.85 1.5 mA Output Voltage 1 VO1 RL=60 Ω, pin4=H, pin5=L 6.6 7.6 7.8 V Output Voltage 2 VO2 RL=60 Ω, pin4=L, pin5=H 6.6 7.6 7.8 V Saturation Voltage 1 (Upper) VSAT1 IO=300mA -- 1.9 2.3 V Saturation Voltage 2 (Upper) VSAT2 IO=500mA -- 1.9 2.3 V Saturation Voltage 1 (Lower) VSAT3 IO=300mA -- 0.25 0.5 V Saturation Voltage 2 (Lower) VSAT4 IO=500mA -- 0.4 0.65 V |
Podobny numer części - SA1582S |
|
Podobny opis - SA1582S |