Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N4001 Arkusz danych(PDF) 1 Page - Mospec Semiconductor

Numer części 1N4001
Szczegółowy opis  GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MOSPEC [Mospec Semiconductor]
Strona internetowa  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

1N4001 Arkusz danych(HTML) 1 Page - Mospec Semiconductor

  1N4001 Datasheet HTML 1Page - Mospec Semiconductor 1N4001 Datasheet HTML 2Page - Mospec Semiconductor 1N4001 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MOSPEC
1N4001
THRU 1N4007
GENERAL PURPOSE SILICON RECTIFIER
VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere
FEATURES
Low cost construction
Low forward voltage drop
Low reverse leakage
High forward surge current capability
High temperature soldering guaranteed
260℃/10 seconds, 0.375”(9.5 mm) lead length
at 5 lbs(2.3kg) tension
MECHANICAL DATA
Case:Transfer Molded Plastic
Epoxy: UL94V-O rate flame retardant
Terminals:Solderable Per MIL-STD-202 Method 208
Polarity:Color band denotes cathode end
Mounting position: Any
Weight: 0.012 ounce. 0.33 gram (approx)
DO-41
MILLIMETERS
DIM
MIN
MAX
A
2.00
2.70
B
25.40
---
C
4.20
5.20
D
0.70
0.90
MAXIMUM RATINGS AND ELECTRICAL CHARATERISTICS
* Rating at 25℃ ambient temperature unless otherwise specified
* Single phase,half wave. 60Hz, resistive or inductive load.
* For capacitive load derate current by 20 %
Characteristic
Symbol
1N4001 1N4002 1N4003 1N4004 1N4005 1N4006 1N4007
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
100
200
400
600
800
1000
V
RMS Reverse Voltage
VR(RMS)
35
70
140
280
420
560
700
V
Average Rectifier Forward Current
Per Leg
TC=125℃
IF(AV)
1.0
A
Non-Repetitive Peak Surge Current (Surge
applied at rate load conditions halfware,
single phase, 60Hz)
IFSM
30
A
Maximum Instantaneous Forward Voltage
( IF =1.0 Amp TC = 25℃)
VF
1.1
V
Maximum Instantaneous Reverse Current
( Rated DC Voltage, TC = 25℃)
( Rated DC Voltage, TC = 100℃)
IR
5.0
50
uA
Typical Junction Capacitance
(Reverse Voltage of 4 volts & f=1 MHz)
Cj
15
pF
Typical Thermal Resistance
Rθ jA
50
/W
Operating and Storage Junction
Temperature Range
TJ , Tstg
-65 to +175


Podobny numer części - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Shenzhen Yixinwei Techn...
1N4001 YIXIN-1N4001 Datasheet
248Kb / 2P
   1.0 AMP SILICON RECTIFIERS
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
53Kb / 2P
   PLASTIC SILICON RECTIFIER(VOLTAGE - 50 to 1000 Volts CURRENT - 1.0 Ampere)
logo
Diodes Incorporated
1N4001 DIODES-1N4001 Datasheet
55Kb / 3P
   1.0A RECTIFIER
DS28002 Rev. 8 - 2
logo
Pan Jit International I...
1N4001 PANJIT-1N4001 Datasheet
96Kb / 2P
   PLASTIC SILICON RECTIFIERS
logo
Yea Shin Technology Co....
1N4001 YEASHIN-1N4001 Datasheet
120Kb / 2P
   PLASTIC SILICON RECTIFIERS
More results

Podobny opis - 1N4001

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Silan Microelectronics ...
1N4001 SILAN-1N4001 Datasheet
167Kb / 3P
   GENERAL PURPOSE SILICON RECTIFIER VOLTAGE RANGE 50 TO 1000 Volts Current 1 Ampere
logo
Rectron Semiconductor
RL1N4001 RECTRON-RL1N4001 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
RL151 RECTRON-RL151 Datasheet
23Kb / 2P
   SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.5 Ampere)
logo
Chenmko Enterprise Co. ...
1N4001PT CHENMKO-1N4001PT Datasheet
77Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
List of Unclassifed Man...
1N4001PT ETC1-1N4001PT Datasheet
71Kb / 2P
   SILICON RECTIFIER VOLTAGE RANGE 50 - 1000 Volts CURRENT 1.0 Ampere
logo
WILLAS ELECTRONIC CORP
DB101 WILLAS-DB101 Datasheet
528Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
RS401M WILLAS-RS401M Datasheet
408Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 4.0 Ampere
logo
Yea Shin Technology Co....
KBPC35005 YEASHIN-KBPC35005 Datasheet
428Kb / 2P
   VOLTAGE RANGE 50 to 1000 Volts CURRENT 35 Ampere
logo
Rectron Semiconductor
FM4001 RECTRON-FM4001 Datasheet
23Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER(VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
SA1 RECTRON-SA1 Datasheet
314Kb / 4P
   SURFACE MOUNT SILICON RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com