Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

1N5225 Arkusz danych(PDF) 3 Page - Daya Electric Group Co., Ltd.

Numer części 1N5225
Szczegółowy opis  SILICON PLANAR ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  DAYA [Daya Electric Group Co., Ltd.]
Strona internetowa  http://www.cndaya.com
Logo DAYA - Daya Electric Group Co., Ltd.

1N5225 Arkusz danych(HTML) 3 Page - Daya Electric Group Co., Ltd.

  1N5225 Datasheet HTML 1Page - Daya Electric Group Co., Ltd. 1N5225 Datasheet HTML 2Page - Daya Electric Group Co., Ltd. 1N5225 Datasheet HTML 3Page - Daya Electric Group Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
1N5220...1N5281
Zener Voltage Range
Maximum Zener Impedance
1)
Maximum Reverse
Leakage Current
Temp. Coefficient
of Zener Voltage
VZnom
3)
lZT
rZJT
rZJK
at IZK
IR
2)
at VR
TKVZ
Type
V
mA
mA
µA
V
%/K
1N5267
75
1.7
270
1700
0.25
0.1
56
<+0.098
1N5268
82
1.5
330
2000
0.25
0.1
62
<+0.098
1N5269
87
1.4
370
2200
0.25
0.1
68
<+0.099
1N5270
91
1.4
400
2300
0.25
0.1
69
<+0.099
1N5271
100
1.3
500
--
--
0.1
75
<+0.100
1N5272
110
1.2
700
--
--
0.1
83
<+0.100
1N5273
120
1
950
--
--
0.1
90
<+0.100
1N5274
130
0.95
1100
--
--
0.1
98
<+0.110
1N5275
140
0.9
1300
--
--
0.1
105
<+0.110
1N5276
150
0.85
1500
--
--
0.1
113
<+0.110
1N5277
160
0.8
1700
--
--
0.1
120
<+0.115
1N5278
170
0.74
1900
--
--
0.1
127
<+0.115
1N5279
180
0.68
2200
--
--
0.1
135
<+0.120
1N5280
190
0.66
2400
--
--
0.1
142
<+0.120
1N5281
200
0.65
2500
--
--
0.1
150
<+0.120
1) The Zener Impedance is derived from the 60 Hz AC voltage which results when an AC current having an RMS value
equal to 10% of the Zener Current (IZT or IZK) is superimposed on IZT or IZK. Zener Impedance is measured at two
points to insure a sharp knee on the breakdown curve and to eliminate unstable units.
2) Valid provided that leads at a distance of 8 mm from case are kept at ambient temperature.
3) Tested with pulses t
p = 20 ms.
0
100
200
0
100
200
300
400
500
mW
Ptot
Ta
Admissible power dissipation
versus ambient temperature
Valid provided that leads at a distance of 8 mm
from case are kept at ambient temperature


Podobny numer części - 1N5225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Surge Components
1N5225 SURGE-1N5225 Datasheet
88Kb / 2P
   SILICON PLANAR ZENER DIODES?
logo
Jinan Jingheng (Group) ...
1N5225 JINANJINGHENG-1N5225 Datasheet
383Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Yangzhou yangjie electr...
1N5225 YANGJIE-1N5225 Datasheet
197Kb / 4P
   Zener Diodes
logo
Seme LAB
1N5225 SEME-LAB-1N5225 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
Micro Commercial Compon...
1N5225 MCC-1N5225 Datasheet
393Kb / 5P
   500 mW Zener Diode 2.4 to 75 Volts
More results

Podobny opis - 1N5225

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Semtech Corporation
1N5221 SEMTECH-1N5221 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
General Semiconductor
ZMM1 GE-ZMM1 Datasheet
351Kb / 8P
   Silicon Planar Zener Diodes
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746 Datasheet
33Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Surge Components
MM3Z5221B SURGE-MM3Z5221B Datasheet
665Kb / 4P
   Silicon Planar Zener Diodes
logo
DONGGUAN YOU FENG WEI E...
1SMA4728A-330V-SMAF YFWDIODE-1SMA4728A-330V-SMAF_17 Datasheet
413Kb / 3P
   Silicon Planar Zener Diodes
logo
Nanjing International G...
1N5221 DGNJDZ-1N5221 Datasheet
88Kb / 3P
   Silicon Planar Zener Diodes
ZMM5221 DGNJDZ-ZMM5221 Datasheet
148Kb / 3P
   Silicon Planar Zener Diodes
logo
Vishay Siliconix
MMBZ4681-G VISHAY-MMBZ4681-G Datasheet
89Kb / 4P
   Silicon planar Zener diodes
Rev. 1.0, 01-Mar-13
logo
Chongqing Pingwei Enter...
BZV85C2V7 CHONGQING-BZV85C2V7 Datasheet
61Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
SEMTECH ELECTRONICS LTD...
BZX84B2V4 SEMTECH_ELEC-BZX84B2V4 Datasheet
228Kb / 3P
   SILICON PLANAR ZENER DIODES
1N5220 SEMTECH_ELEC-1N5220 Datasheet
218Kb / 3P
   SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com