Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

IRF8734TRPbF Arkusz danych(PDF) 1 Page - International Rectifier

Numer części IRF8734TRPbF
Szczegółowy opis  HEXFET Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IRF [International Rectifier]
Strona internetowa  http://www.irf.com
Logo IRF - International Rectifier

IRF8734TRPbF Arkusz danych(HTML) 1 Page - International Rectifier

  IRF8734TRPbF Datasheet HTML 1Page - International Rectifier IRF8734TRPbF Datasheet HTML 2Page - International Rectifier IRF8734TRPbF Datasheet HTML 3Page - International Rectifier IRF8734TRPbF Datasheet HTML 4Page - International Rectifier IRF8734TRPbF Datasheet HTML 5Page - International Rectifier IRF8734TRPbF Datasheet HTML 6Page - International Rectifier IRF8734TRPbF Datasheet HTML 7Page - International Rectifier IRF8734TRPbF Datasheet HTML 8Page - International Rectifier IRF8734TRPbF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
2/12/09
www.irf.com
1
IRF8734PbF
HEXFET® Power MOSFET
Notes
 through … are on page 10
Top View
8
1
2
3
4
5
6
7
D
D
D
D
G
S
A
S
S
A
SO-8
PD - 96226
Benefits
l Very Low RDS(on) at 4.5V VGS
l Low Gate Charge
l Fully Characterized Avalanche Voltage
and Current
l 100% Tested for RG
l Lead-Free
Applications
l Synchronous MOSFET for Notebook
Processor Power
l Synchronous Rectifier MOSFET for
Isolated DC-DC Converters in
Networking Systems
VDSS
RDS(on) max
Qg (typ.)
30V 3.5m
:@VGS = 10V
20nC
Absolute Maximum Ratings
Parameter
Units
VDS
Drain-to-Source Voltage
VGS
Gate-to-Source Voltage
ID @ TA = 25°C
Continuous Drain Current, VGS @ 10V
ID @ TA = 70°C
Continuous Drain Current, VGS @ 10V
IDM
Pulsed Drain Current
c
PD @TA = 25°C
Power Dissipation
f
PD @TA = 70°C
Power Dissipation
f
Linear Derating Factor
W/°C
TJ
Operating Junction and
TSTG
Storage Temperature Range
Thermal Resistance
Parameter
Typ.
Max.
Units
RθJL
Junction-to-Drain Lead
g
–––
20
RθJA
Junction-to-Ambient
f
–––
50
-55 to + 150
2.5
0.02
1.6
Max.
21
17
168
± 20
30
V
A
W
°C/W
°C
ORDERING INFORMATION:
See detailed ordering and shipping information on the last page of this data sheet.


Podobny numer części - IRF8734TRPbF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF8734PBF IRF-IRF8734PBF Datasheet
278Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
IRF8734PBF IRF-IRF8734PBF_15 Datasheet
278Kb / 10P
   Synchronous MOSFET for Notebook Processor Power
More results

Podobny opis - IRF8734TRPbF

ProducentNumer częściArkusz danychSzczegółowy opis
logo
International Rectifier
IRF7316 IRF-IRF7316 Datasheet
237Kb / 7P
   HEXFET POWER MOSFET
IRF6215 IRF-IRF6215 Datasheet
125Kb / 8P
   HEXFET Power MOSFET
IRF530NS IRF-IRF530NS Datasheet
618Kb / 10P
   HEXFET Power MOSFET
IRLMS2002 IRF-IRLMS2002 Datasheet
95Kb / 8P
   HEXFET Power MOSFET
IRFH5301PBF IRF-IRFH5301PBF Datasheet
309Kb / 8P
   HEXFET Power MOSFET
IRLR8726PBF IRF-IRLR8726PBF_09 Datasheet
360Kb / 11P
   HEXFET Power MOSFET
IRLML2502GPBF IRF-IRLML2502GPBF Datasheet
180Kb / 8P
   HEXFET Power MOSFET
IRF7304QPBF IRF-IRF7304QPBF_10 Datasheet
248Kb / 9P
   HEXFET POWER MOSFET
IRFS3107-7PPBF IRF-IRFS3107-7PPBF Datasheet
320Kb / 9P
   HEXFET Power MOSFET
IRFH5106PBF IRF-IRFH5106PBF Datasheet
339Kb / 8P
   HEXFET Power MOSFET
IRFH5406PBF IRF-IRFH5406PBF Datasheet
305Kb / 8P
   HEXFET Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com