Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

AM3505 Arkusz danych(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Numer części AM3505
Szczegółowy opis  ARM Microprocessor
Download  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

AM3505 Arkusz danych(HTML) 4 Page - Texas Instruments

  AM3505 Datasheet HTML 1Page - Texas Instruments AM3505 Datasheet HTML 2Page - Texas Instruments AM3505 Datasheet HTML 3Page - Texas Instruments AM3505 Datasheet HTML 4Page - Texas Instruments AM3505 Datasheet HTML 5Page - Texas Instruments AM3505 Datasheet HTML 6Page - Texas Instruments AM3505 Datasheet HTML 7Page - Texas Instruments AM3505 Datasheet HTML 8Page - Texas Instruments AM3505 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 184 page
background image
1.3 Functional Block Diagram
64
64
Async
64
64
L2$
256K
MPU
Subsystem
ARM Cortex-
A8
TM Core
16K/16K L1$
POWERVR
SGX
Graphics
Accelerator
(
only)
TM
AM3517
32
32
32
Channel
System
DMA
32
32
Analog
DAC
LCD Panel
CVBS
or
S-Video
Dual Output 3-Layer
Display Processor
(1xGraphics, 2xVideo)
Temporal Dithering
SDTV → QCIF Support
32
HS/FS/
LS
USB
Host
32
L3 Interconnect Network-Hierarchial, Performance, and Power Driven
64K
On-Chip
RAM
32
132K
On-Chip
BOOT
ROM
SMS:
SDRAM
Memory
Scheduler/
Rotation
64
SDRC
Controller
L4 Interconnect
32
System
Controls
PRCM
External
Peripherals
Interfaces
Peripherals:
4xUART, 3xHigh-Speed I2C,
5xMcBSP
(2x with Sidetone/Audio Buffer)
4xMcSPI, 186xGPIO,
3xHigh-Speed MMC/SDIO,
HDQ/1 Wire,
12xGPTimers, 1xWDT,
32K Sync Timer
GPMC:
General
Purpose
Memory
Controller
32
Emulation
Debug: SDTI, ETM, JTAG,
Coresight
TM DAP
External
DDR2
32
SPRS550-006
Parallel
HECC
EMAC
VPFE
USB PHY
USB OTG
Controller
DDR PHY
NAND/NOR/
FLASH,
SRAM
USB transceivers /
device ports [3]
AM3517/05 ARM Microprocessor
SPRS550 – OCTOBER 2009
www.ti.com
Figure 1-1 shows the functional block diagram of the AM3517/05 ARM Microprocessor.
Figure 1-1. AM3517/05 Functional Block Diagram
4
AM3517/05 ARM Microprocessor
Submit Documentation Feedback


Podobny numer części - AM3505

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM3505 TI1-AM3505 Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3505AZCN TI1-AM3505AZCN Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3505AZCNA TI1-AM3505AZCNA Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3505AZCNAC TI1-AM3505AZCNAC Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
AM3505AZCNC TI1-AM3505AZCNC Datasheet
2Mb / 223P
[Old version datasheet]   AM3517, AM3505 Sitara??Processors
More results

Podobny opis - AM3505

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
AM1808 TI1-AM1808_12 Datasheet
1Mb / 262P
[Old version datasheet]   ARM Microprocessor
AM1806_101 TI-AM1806_101 Datasheet
1Mb / 243P
[Old version datasheet]   ARM Microprocessor
AM1707_1008 TI-AM1707_1008 Datasheet
1Mb / 199P
[Old version datasheet]   ARM Microprocessor
AM1806 TI1-AM1806_11 Datasheet
1Mb / 244P
[Old version datasheet]   AM1806 ARM Microprocessor
APRIL2011
AM1808_1004 TI-AM1808_1004 Datasheet
1Mb / 264P
[Old version datasheet]   AM1808 ARM Microprocessor
AM1705_1007 TI-AM1705_1007 Datasheet
1Mb / 156P
[Old version datasheet]   AM1705 ARM Microprocessor
AM1806_1005 TI-AM1806_1005 Datasheet
1Mb / 241P
[Old version datasheet]   AM1806 ARM Microprocessor
AM1707 TI-AM1707 Datasheet
1Mb / 198P
[Old version datasheet]   AM1707 ARM Microprocessor
AM1802 TI1-AM1802 Datasheet
1Mb / 180P
[Old version datasheet]   AM1802 ARM Microprocessor
AM1705DPTPA3 TI1-AM1705DPTPA3 Datasheet
1Mb / 164P
[Old version datasheet]   AM1705 ARM Microprocessor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com