Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

TMP302A Arkusz danych(PDF) 6 Page - Texas Instruments

Numer części TMP302A
Szczegółowy opis  Easy-to-Use Low-Power Low-Supply TEMPERATURE SWITCH in MicroPackage
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  TI [Texas Instruments]
Strona internetowa  http://www.ti.com
Logo TI - Texas Instruments

TMP302A Arkusz danych(HTML) 6 Page - Texas Instruments

Back Button TMP302A Datasheet HTML 2Page - Texas Instruments TMP302A Datasheet HTML 3Page - Texas Instruments TMP302A Datasheet HTML 4Page - Texas Instruments TMP302A Datasheet HTML 5Page - Texas Instruments TMP302A Datasheet HTML 6Page - Texas Instruments TMP302A Datasheet HTML 7Page - Texas Instruments TMP302A Datasheet HTML 8Page - Texas Instruments TMP302A Datasheet HTML 9Page - Texas Instruments TMP302A Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
OUT
+50°C
+60°C
T
TRIP
V
DD
TMP302A
, TMP302B
TMP302C
, TMP302D
SBOS488A – JUNE 2009 – REVISED SEPTEMBER 2009................................................................................................................................................ www.ti.com
APPLICATION INFORMATION
The TMP302 temperature switch is optimal for
HYSTSET
ultralow-power
battery
applications
that
require
accurate trip thresholds. The trip thresholds are
If the temperature trip threshold is crossed, the
programmable to four different settings using the
open-drain output (OUT) goes low and does not
TRIPSET1 and TRIPSET0 pins. Table 1 shows the pin
return to its original high state (that is, VS) until the
settings versus trip points.
temperature returns to a value within a hysteresis
window set by the HYSTSET pin. The HYSTSET pin
Table 1. Trip Point vs TRIPSET1 and TRIPSET0
allows the user to choose between a +5°C and a
+10°C
hysteresis
window.
Table
2
shows
the
TRIPSET1
TRIPSET0
TMP302A
TMP302B
TMP302C
TMP302D
hysteresis window that corresponds to the HYSTSET
GND
GND
+50°C
+70°C
+90°C
+110°C
setting.
GND
VS
+55°C
+75°C
+95°C
+115°C
Table 2. HYSTSET Window
VS
GND
+60°C
+80°C
+100°C
+120°C
VS
VS
+65°C
+85°C
+105°C
+125°C
HYSTSET
THRESHOLD HYSTERESIS
GND
+5°C
The typical thermal response time for the TMP302 is
VS
+10°C
about 250ms. This period is the minimum time frame
that it takes for the open-drain output (OUT) to
For the specific case of the TMP302A, if the HYSTSET
change its state from low to high (or vice-versa) while
pin is set to +10°C (that is, connected to VS) and the
the device is active. A maximum low output voltage is
device is configured with a +60°C trip point (TRIPSET1
defined as a voltage level equivalent to 0.2 × VS;
= VS, TRIPSET0 = GND), once this threshold is
likewise, a minimum high output voltage is defined as
exceeded the output does not return to its original
0.8 × VS. It is important to note that an exception to
high state until it reaches +50°C. This case is more
the nominal 250ms response time occurs on power
clearly illustrated in Figure 9.
up—in this case, it is possible to achieve a thermal
response in as little as 35ms.
CONFIGURING THE TMP302
The TMP302 is simple to configure. The only external
components that it requires are a bypass capacitor
and pull-up resistor. Power-supply bypassing is
strongly recommended; use a 0.1µF capacitor placed
as close as possible to the supply pin. To minimize
the internal power dissipation of the TMP302, use a
pull-up resistor value greater than 10k
Ω from OUT to
VS. Refer to Table 1 for trip point temperature
configuration. The TRIPSET pins can be toggled
dynamically; however, the voltage of these pins must
not exceed VS. To ensure a proper logic high, the
voltage must not drop below 0.7V × VS.
Figure 9. TMP302A; HYSTSET = VS; TRIPSET1 = VS,
TRIPSET0 = GND
6
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): TMP302A TMP302B TMP302C TMP302D


Podobny numer części - TMP302A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP302A TI1-TMP302A Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP302AQDRLRQ1 TI1-TMP302AQDRLRQ1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
More results

Podobny opis - TMP302A

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
TMP302 TI1-TMP302 Datasheet
836Kb / 21P
[Old version datasheet]   TMP302 Easy-to-Use, Low-Power, Low-Supply Temperature Switch in Micropackage
TMP303 TI1-TMP303_17 Datasheet
1Mb / 22P
[Old version datasheet]   Easy-To-Use, Low-Power, Low-Supply Temperature Range Monitor In Micropackage
TMP303A TI1-TMP303A Datasheet
656Kb / 15P
[Old version datasheet]   Easy-to-Use, Low-Power, 1째C, Low-Supply TEMPERATURE RANGE MONITOR in MicroPackage
TMP303 TI1-TMP303_15 Datasheet
1Mb / 24P
[Old version datasheet]   TMP303 Easy-To-Use, Low-Power, 1째C, Low-Supply Temperature Range Monitor In Micropackage
TMP302-Q1 TI1-TMP302-Q1 Datasheet
798Kb / 18P
[Old version datasheet]   TMP302-Q1, Automotive Grade, Low-Power, Easy-to-Use, Temperature Switch in MicroPackage
TMP303 TI1-TMP303_16 Datasheet
1Mb / 24P
[Old version datasheet]   Temperature Range Monitor In Micropackage
TMP302A-Q1 TI1-TMP302A-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
TMP302C-Q1 TI1-TMP302C-Q1 Datasheet
857Kb / 18P
[Old version datasheet]   TMP302x-Q1, Automotive Grade, Low-Power, Easy-to-Use
logo
ALPS ELECTRIC CO.,LTD.
UGMZ2AA ALPS-UGMZ2AA Datasheet
1Mb / 1P
   Easy-to-Use Built-in Antenna Type Leading the Industry in Compactness and Low Power
logo
Richtek Technology Corp...
RT9480 RICHTEK-RT9480 Datasheet
177Kb / 16P
   Easy to Use Power Bank Solution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com