Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

SLA7051M Arkusz danych(PDF) 1 Page - Sanken electric

Numer części SLA7051M
Szczegółowy opis  2-Phase Unipolar Stepper Motor Driver
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SANKEN [Sanken electric]
Strona internetowa  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SLA7051M Arkusz danych(HTML) 1 Page - Sanken electric

  SLA7051M Datasheet HTML 1Page - Sanken electric SLA7051M Datasheet HTML 2Page - Sanken electric SLA7051M Datasheet HTML 3Page - Sanken electric SLA7051M Datasheet HTML 4Page - Sanken electric SLA7051M Datasheet HTML 5Page - Sanken electric SLA7051M Datasheet HTML 6Page - Sanken electric SLA7051M Datasheet HTML 7Page - Sanken electric SLA7051M Datasheet HTML 8Page - Sanken electric SLA7051M Datasheet HTML 9Page - Sanken electric Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
2-Phase Unipolar Stepper Motor Driver
SLA7050M/7051M/7052M
October 2005
Sanken Electric Co.,Ltd.
I03-002EA-051006
■General Description
Combining low-power CMOS logic with high-current, high-voltage
power FET outputs, the Series SLA705xM translator/driver provides
complete control and drive for a two-phase unipolar stepper motor
with internal fixed off time, pulse-width modulation (PWM) control
of the output current in a power multi-chip module (PMCM™).
The CMOS logic section provides the sequencing logic, direction,
full/half-step control, synchronous/asynchronous PWM operation,
and a "sleep" function. The minimum CLOCK input is an ideal fit
for applications where a complex µP is unavailable or overburdened.
TTL or LSTTL may require the use of appropriate pull-up resistors
to ensure a proper input-logic high. For PWM current control, the
maximum output current is determined by the user's selection of a
reference voltage and sensing resistor. The NMOS outputs are
capable of sinking up to 1,2 or 3 A and withstanding 46 V in the off
state. Ground-clamp and flyback diodes provide protection against
inductive transients. Special power-up sequencing is not required.
Full-step (2 phase) and half-step operation are externally selectable.
Two-phase drive energizes two adjacent phases in each detent
position (AB-BC-CD-DA). This sequence mode offers an improved
torquespeed product, greater detent torque, and is less susceptable to
motor resonance. Half-step excitation alternates between the
one-phase and two-phase modes (A-AB-B-BC-C-CD D-DA),
providing an eight-step sequence.
■Package----SLA18Pin
■Applications
●PPC
●Printer
●OA Equipment
■Features
●To 3A Output Rating
●Internal Sequencer for Full or Half-Step Operation
●PWM Constant-Current Motor Drive
●Cost-Effective, Multi-Chip Solution
●100 V, Avalanche-Rated NMOS
●Low rDS(on) NMOS Outputs (300 milli-ohms typical)
●Advanced, Improved Body Diodes
●Half-Step and Full-Step Unipolar Drive
●Inputs Compatible with 3.3 V or 5 V Control Signals
●Sleep Mode
●Internal Clamp Diodes
■Key Specifications
●Motor Supply Voltage (VM):44V max
●Load Supply Voltage (Vs):10V~44V
●Logic Supply Voltage (Vcc):3V~5.5V
●Output Current (Io):1A(SLA7050M)
2A(SLA7051M)
3A(SLA7052M)
●Output Maximum Voltage (VDSS):100V min
Typical Connection
7050
SLA
M
7051
SLA
M
7052
SLA
M
マイコン
18
13
16
14
4
15
5
7
8
9
11
12
6
2
17
13
Vs
GA
NC
OutA OutA/
OutB
OutB/
Vcc
Clock
Sync
CW/CCW
Full/Half
Ref
SenseB
SenseA
Gnd
10
r1
r2
Disable
Q1
RsA
RsB
CA
CB
Vs=10V
44V
Vcc=3.0V
5.5V
S-Gnd
P-Gnd
Gnd
NC
GB
http://www.sanken-ele.co.jp/en/
1/14


Podobny numer części - SLA7051M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Allegro MicroSystems
SLA7051M ALLEGRO-SLA7051M Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
SLA7051MLF871 ALLEGRO-SLA7051MLF871 Datasheet
349Kb / 12P
   UNIPOLAR STEPPER-MOTOR TRANSLATOR/PWM DRIVER
More results

Podobny opis - SLA7051M

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Sanken electric
SLA7060M SANKEN-SLA7060M Datasheet
705Kb / 18P
   2-Phase Unipolar Stepper Motor Driver
SLA707XM SANKEN-SLA707XM Datasheet
528Kb / 20P
   2-Phase Unipolar Stepper Motor Driver
SLA7022MU SANKEN-SLA7022MU Datasheet
77Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7032M SANKEN-SLA7032M Datasheet
71Kb / 8P
   2-Phase Stepper Motor Unipolar Driver ICs
SDK03M SANKEN-SDK03M Datasheet
61Kb / 6P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7029M SANKEN-SMA7029M Datasheet
69Kb / 2P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7027MU SANKEN-SLA7027MU Datasheet
74Kb / 7P
   2-Phase Stepper Motor Unipolar Driver ICs
SLA7042M SANKEN-SLA7042M Datasheet
47Kb / 4P
   2-Phase Stepper Motor Unipolar Driver ICs
SMA7036M SANKEN-SMA7036M Datasheet
71Kb / 7P
   2-Phase Stepper Motor Unipolar Driver IC
logo
New Japan Radio
NJW4351 NJRC-NJW4351 Datasheet
260Kb / 18P
   Unipolar Stepper Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com