Zakładka z wyszukiwarką danych komponentów |
|
SMA6822MP Arkusz danych(PDF) 2 Page - Sanken electric |
|
SMA6822MP Arkusz danych(HTML) 2 Page - Sanken electric |
2 / 13 page High Voltage 3-Phase Motor Driver SMA6822MP 2 All performance characteristics given are typical values for circuit or system baseline design only and are at the nominal operating voltage and an ambient temperature, TA, of 25°C, unless otherwise stated. Recommended Operating Conditions Characteristic Symbol Remarks Min. Typ. Max. Units Main Supply Voltage VBB Between VBB and LS – 300 400 V Logic Supply Voltage VCC Between VCC and COM 13.5 – 16.5 V Dead Time tdead 1.5 – – μs Junction Temperature TJ – – 125 °C Selection Guide Part Number Packing MOSFET Breakdown Voltage, VDSS(min) (V) Output Current Continuous, IO(max) (A) Pulsed, IOP (max) (A) SMA6822MP 18 pieces per tube 500 1.5 3 Absolute Maximum Ratings, valid at TA = 25°C Characteristic Symbol Remarks Rating Unit MOSFET Breakdown Voltage VDSS VCC = 15 V, ID = 100 μA, VIN = 0 V 500 V Logic Supply Voltage VCC Between VCC and COM 20 V Bootstrap Voltage VBS Between VB and HS (U,V, and W phases) 20 V Output Current, Continuous IO 1.5 A Output Current, Pulsed IOP PW ≤ 100 μs, duty cycle = 1% 3 A Output Current for Regulator IREG 35 mA Input Voltage VIN –0.5 to 7 V Allowable Power Dissipation PD TC = 25°C 28 W Thermal Resistance (Junction to Case) RθJC All elements operating 4.46 °C/W Thermal Resistance (Junction to Ambient) RθJA All elements operating 31.25 °C/W Case Operating Temperature TCOP –20 to 100 °C Junction Temperature (IGBT) TJ 150 °C Storage Temperature Tstg –40 to 150 °C Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com |
Podobny numer części - SMA6822MP |
|
Podobny opis - SMA6822MP |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |