Zakładka z wyszukiwarką danych komponentów |
|
SMA6843MP Arkusz danych(PDF) 4 Page - Sanken electric |
|
SMA6843MP Arkusz danych(HTML) 4 Page - Sanken electric |
4 / 13 page High Voltage 3-Phase Motor Driver SMA6843MP 4 ELECTRICAL CHARACTERISTICS, valid at TA=25°C, unless otherwise noted Characteristics Symbol Conditions Min Typ Max Units Logic Supply Voltage VCC Between VCC and COM 13.5 15 16.5 V Logic Supply Current ICC VCC = 15 V, IREG = 0 A – 4 6 mA Input Voltage VIH VCC = 15 V, output on – 2.0 2.5 V VIL VCC = 15 V, output off 1.0 1.5 – V Input Voltage Hysteresis VIhys VCC = 15 V – 0.5 – V Input Current IIH High side, VCC = 15 V, VIN = 5 V – 50 100 μA IIL Low side, VCC = 15 V, VIN = 0 V – – 2 μA Undervoltage Lock Out VUVHL High side, between VB and U, V, or W 9.0 10.0 11.0 V VUVHH 9.5 10.5 11.5 V VUVHhys High side, hysteresis – 0.5 – V VUVLL Low side, between VB and U, V, or W 10.0 11.0 12.0 V VUVLH 10.5 11.5 12.5 V VUVLhys Low side, hysteresis – 0.5 – V FO Terminal Output Voltage VFOL VCC = 15 V, IFO = ±1mA 0 – 0.8 V VFOH 4.5 – 5.5 V Overtemperature Detection Activation Threshold Temperature TDH(1) VCC = 15 V, no heatsink, TADJ terminal open 134 150 160 °C TDH(2) VCC = 15 V, no heatsink, R1 = 240 kΩ; no R2 112 131 148 °C Overtemperature Detection Deactivation Threshold Temperature TDL(1) VCC = 15 V, no heatsink, TADJ terminal open 104 120 135 °C TDL(2) VCC = 15 V, no heatsink, R1 = 240 kΩ; no R2 80 99 120 °C MOSFET Breakdown Voltage VDSS VCC = 15 V, ID = 100 μA, VIN = 0 V 500 – – V MOSFET Leakage Current IDSS VCC = 15 V, VDS = 500 V, VIN = 0 V – – 100 μA MOSFET On State Resistance RDS(on) VCC = 15 V, ID = 1.5 A, VIN = 5 V – 2.0 2.4 Ω MOSFET Diode Forward Voltage VSD VCC = 15 V, ISD = 1.5 A, VIN = 0 V – 1 1.5 V MOSFET Diode Recovery Time trr ISD = 1.5 A, di / dt = 100 A/μs – 75 – ns Switching Time, High Side tdH(on) VBB = 300 V, VCC = 15 V, ID = 2.5 A, 0 V ≤ VIN ≤ 5 V – 450 – ns trH –60– ns tdH(off) – 340 – ns tfH –30– ns Switching Time, Low Side tdL(on) – 480 – ns trL –70– ns tdL(off) – 400 – ns tfL –30– ns Allegro MicroSystems, Inc. 115 Northeast Cutoff, Box 15036 Worcester, Massachusetts 01615-0036 (508) 853-5000 www.allegromicro.com |
Podobny numer części - SMA6843MP |
|
Podobny opis - SMA6843MP |