Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

CAP1088 Arkusz danych(PDF) 10 Page - SMSC Corporation

Numer części CAP1088
Szczegółowy opis  8 Channel Capacitive Touch Sensor with 8 LED Drivers
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  SMSC [SMSC Corporation]
Strona internetowa  http://www.smsc.com
Logo SMSC - SMSC Corporation

CAP1088 Arkusz danych(HTML) 10 Page - SMSC Corporation

Back Button CAP1088 Datasheet HTML 6Page - SMSC Corporation CAP1088 Datasheet HTML 7Page - SMSC Corporation CAP1088 Datasheet HTML 8Page - SMSC Corporation CAP1088 Datasheet HTML 9Page - SMSC Corporation CAP1088 Datasheet HTML 10Page - SMSC Corporation CAP1088 Datasheet HTML 11Page - SMSC Corporation CAP1088 Datasheet HTML 12Page - SMSC Corporation CAP1088 Datasheet HTML 13Page - SMSC Corporation CAP1088 Datasheet HTML 14Page - SMSC Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 72 page
background image
8 Channel Capacitive Touch Sensor with 8 LED Drivers
Datasheet
Revision 1.1 (08-05-09)
10
SMSC CAP1088
DATASHEET
The pin types are described in detail below. All pins labeled with (5V) are 5V tolerant.
APPLICATION NOTE: For the 5V tolerant pins that have a pull-up resistor, the pull-up voltage must not exceed 3.6V
when the CAP1088 is unpowered.
APPLICATION NOTE: The SPI_CS# pin should be grounded when SMBus, I2C, or BC-Link communications are
used.
18
CS5
Capacitive Touch Sensor 5
AIO
19
CS4
Capacitive Touch Sensor 4
AIO
20
CS3
Capacitive Touch Sensor 3
AIO
21
CS2
Capacitive Touch Sensor 2
AIO
22
CS1
Capacitive Touch Sensor 1
AIO
23
VDD
Positive Power supply
Power
24
RESET
Active high soft reset for system - resets all registers to
default values. This pin contains an internal 50uA pull-down
current.
DI (5V)
Bottom Pad
GND
Ground
Power
Table 1.2 Pin Types
PIN TYPE
DESCRIPTION
Power
This pin is used to supply power or ground to the
device.
DI
Digital Input - This pin is used as a digital input. This
pin is 5V tolerant.
AIO
Analog Input / Output -This pin is used as an I/O for
analog signals.
DIOD
Digital Input / Open Drain Output- This pin is used as a
digital I/O. When it is used as an output, it is open drain
and requires a pull-up resistor. This pin is 5V tolerant.
OD
Open Drain Digital Output - this pin is used as a digital
output. It is open drain and requires a pull-up resistor.
This pin is 5V tolerant.
DO
Push-pull Digital Output - This pin is used as a digital
output and can sink and source current.
DIO
Push-pull Digital Input / Output - This pin is used as an
I/O for digital signals.
Table 1.1 Pin Description for CAP1088 (continued)
PIN
NUMBER
PIN NAME
PIN FUNCTION
PIN TYPE


Podobny numer części - CAP1088

ProducentNumer częściArkusz danychSzczegółowy opis
logo
SMSC Corporation
CAP1005 SMSC-CAP1005 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
CAP1005-1-AIA-TR SMSC-CAP1005-1-AIA-TR Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
CAP1006 SMSC-CAP1006 Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
CAP1006-1-AIA-TR SMSC-CAP1006-1-AIA-TR Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
CAP1006-2-AIA-TR SMSC-CAP1006-2-AIA-TR Datasheet
795Kb / 53P
   5 and 6 Channel Capacitive Touch Sensor
More results

Podobny opis - CAP1088

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Microchip Technology
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208 Datasheet
605Kb / 67P
   8-Channel Capacitive Touch Sensor
10/28/13
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
logo
SMSC Corporation
CAP1026 SMSC-CAP1026 Datasheet
1Mb / 70P
   6 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Microchip Technology
CAP1133 MICROCHIP-CAP1133 Datasheet
931Kb / 63P
   3 Channel Capacitive Touch Sensor with 3 LED Drivers
01/27/15
CAP1166 MICROCHIP-CAP1166 Datasheet
980Kb / 79P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1066 SMSC-CAP1066 Datasheet
1Mb / 71P
   6 Channel Capacitive Touch Sensor with 6 LED Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com