Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADSQ-1410-EX-C Arkusz danych(PDF) 10 Page - Murata Power Solutions Inc.

Numer części ADSQ-1410-EX-C
Szczegółowy opis  Quad 14-Bit, 10 MSPS Sampling A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  MURATA-PS [Murata Power Solutions Inc.]
Strona internetowa  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.

ADSQ-1410-EX-C Arkusz danych(HTML) 10 Page - Murata Power Solutions Inc.

Back Button ADSQ-1410-EX-C Datasheet HTML 3Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 4Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 5Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 6Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 7Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 8Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 9Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 10Page - Murata Power Solutions Inc. ADSQ-1410-EX-C Datasheet HTML 11Page - Murata Power Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
Typical Performance Curves and Plots
FFT 16384 points
Fs: 4.85 MHz Fs: 10MHz Range pin voltage: 2.5V
FFT 16384 points
Fs: 4.85 MHz Fs: 10MHz Range pin voltage: 1V
Cross-talk SNR
4.85MHz Input Frequency on Channel under Test
2.42MHz Input Frequency on other 3 Channels
Cross-talk Grounded Input Histogram
Test channel tied to GND – Other 3 Channels Grounded
Cross-talk Grounded Input Histogram
Test Channel tied to GND – Other 3 Channels with 2.45 MHz FS Input Signal
Cross-talk SINAD
4.85MHz Input Frequency on Channel under Test
2.42MHz Input Frequency on other 3 Channels
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
76.00
76.50
77.00
77.50
78.00
78.50
79.00
79.50
80.00
80.50
81.00
70.00
71.00
72.00
73.00
74.00
75.00
76.00
77.00
78.00
0%
10%
20%
30%
40%
50%
60%
70%
80%
8193
More
8194
0%
10%
20%
30%
40%
50%
60%
70%
80%
8193
More
8194
ADSQ-1410
Quad 14-Bit, 10 MSPS Sampling A/D Converter
MDA_ADSQ.B01 Page 10 of 11
www.murata-ps.com
Technical enquiries email: data.acquisition@murata-ps.com, tel: +1 508 339 3000


Podobny numer części - ADSQ-1410-EX-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
DATEL, Inc.
ADSQ-1410-EX DATEL-ADSQ-1410-EX Datasheet
106Kb / 1P
   Sampling A/D Converters
More results

Podobny opis - ADSQ-1410-EX-C

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Analog Devices
AD9240ASZ AD-AD9240ASZ Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
AD9240 AD-AD9240 Datasheet
328Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. A
AD9240ASRL AD-AD9240ASRL Datasheet
327Kb / 24P
   Complete 14-Bit, 10 MSPS Monolithic A/D Converter
REV. B
logo
Linear Technology
LTC1414 LINER-LTC1414 Datasheet
353Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
LTC1414 LINER-LTC1414_15 Datasheet
294Kb / 20P
   14-Bit, 2.2Msps, Sampling A/D Converter
logo
Cadeka Microcircuits LL...
SPT7936 CADEKA-SPT7936 Datasheet
162Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Fairchild Semiconductor
SPT7936 FAIRCHILD-SPT7936 Datasheet
59Kb / 8P
   12-BIT, 28 MSPS SAMPLING A/D CONVERTER
logo
Analog Devices
AD6645 AD-AD6645 Datasheet
2Mb / 20P
   14-Bit, 80 MSPS A/D Converter
REV. 0
AD9444 AD-AD9444 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
AD9444 AD-AD9444_15 Datasheet
1Mb / 40P
   14-Bit, 80 MSPS, A/D Converter
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com