Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

6T39007ANLGI8 Arkusz danych(PDF) 11 Page - Integrated Device Technology

Numer części 6T39007ANLGI8
Szczegółowy opis  CLOCK DISTRIBUTION CIRCUIT
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  IDT [Integrated Device Technology]
Strona internetowa  http://www.idt.com
Logo IDT - Integrated Device Technology

6T39007ANLGI8 Arkusz danych(HTML) 11 Page - Integrated Device Technology

Back Button 6T39007ANLGI8 Datasheet HTML 7Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 8Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 9Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 10Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 11Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 12Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 13Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 14Page - Integrated Device Technology 6T39007ANLGI8 Datasheet HTML 15Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
IDT6T39007A
CLOCK DISTRIBUTION CIRCUIT
DISTRIBUTION CIRCUITS
IDT™ CLOCK DISTRIBUTION CIRCUIT
11
IDT6T39007A REV G 111009
AC Electrical Characteristics - LVDS Outputs
Unless otherwise stated, VDD = 2.5 V ±10%, Ambient Temperature -40 to +85
° C
Parameter
Conditions
Min.
Typ.
Max.
Units
Differential Output Voltages | VOD |RL = 100Ω
250
350
450
mV
∆ VOD
VOD Magnitude
Change
-40
0
40
mV
Offset Voltage (VOS)
1.125
1.25
1.375
V
Output CLock Duty Cycle
Measured at VOS
45
50
55
%
∆ VOS
VOS Magnitude
Change
325
mV
Output Short Circuit Current (IOS)-10
mA
Output Rise Time
20% to 80%,
RL = 100Ω
0.5
1.0
ns
Output Fall Time
20% to 80%,
RL = 100Ω
0.5
1.0
ns


Podobny numer części - 6T39007ANLGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
6T39007ANLGI8 RENESAS-6T39007ANLGI8 Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
More results

Podobny opis - 6T39007ANLGI8

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Renesas Technology Corp
IDT6T39007A RENESAS-IDT6T39007A Datasheet
303Kb / 17P
   CLOCK DISTRIBUTION CIRCUIT
022212
logo
Integrated Device Techn...
IDT6P30006A IDT-IDT6P30006A Datasheet
241Kb / 12P
   CLOCK DISTRIBUTION CIRCUIT
logo
Renesas Technology Corp
IDT6P30006A RENESAS-IDT6P30006A Datasheet
273Kb / 13P
   CLOCK DISTRIBUTION CIRCUIT
061711
logo
STMicroelectronics
STCD1020 STMICROELECTRONICS-STCD1020_10 Datasheet
2Mb / 40P
   Multichannel clock distribution circuit
STCD2400 STMICROELECTRONICS-STCD2400 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD2400F35F STMICROELECTRONICS-STCD2400F35F Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
STCD22X0 STMICROELECTRONICS-STCD22X0 Datasheet
1Mb / 39P
   Multichannel clock distribution circuit
January 2010 Rev 2
STCD1020 STMICROELECTRONICS-STCD1020 Datasheet
1Mb / 40P
   Multi-channel clock distribution circuit
logo
Renesas Technology Corp
ISL3280E RENESAS-ISL3280E Datasheet
944Kb / 16P
   Clock distribution
logo
Semtech Corporation
SK10EL15WD SEMTECH-SK10EL15WD Datasheet
94Kb / 4P
   1:4 Clock Distribution
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com