Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

ATmega16-16PU Arkusz danych(PDF) 89 Page - ATMEL Corporation

Numer części ATmega16-16PU
Szczegółowy opis  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
Download  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16-16PU Arkusz danych(HTML) 89 Page - ATMEL Corporation

Back Button ATmega16-16PU Datasheet HTML 85Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 86Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 87Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 88Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 89Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 90Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 91Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 92Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 93Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 357 page
background image
89
2466S–AVR–05/09
ATmega16(L)
16-bit
Timer/Counter1
The 16-bit Timer/Counter unit allows accurate program execution timing (event management),
wave generation, and signal timing measurement. The main features are:
True 16-bit Design (i.e., Allows 16-bit PWM)
Two Independent Output Compare Units
Double Buffered Output Compare Registers
One Input Capture Unit
Input Capture Noise Canceler
Clear Timer on Compare Match (Auto Reload)
Glitch-free, Phase Correct Pulse Width Modulator (PWM)
Variable PWM Period
Frequency Generator
External Event Counter
Four Independent Interrupt Sources (TOV1, OCF1A, OCF1B, and ICF1)
Overview
Most register and bit references in this section are written in general form. A lower case “n”
replaces the Timer/Counter number, and a lower case “x” replaces the output compare unit.
However, when using the register or bit defines in a program, the precise form must be used
(i.e., TCNT1 for accessing Timer/Counter1 counter value and so on).
A simplified block diagram of the 16-bit Timer/Counter is shown in Figure 40. For the actual
placement of I/O pins, refer to Figure 1 on page 2. CPU accessible I/O Registers, including I/O
bits and I/O pins, are shown in bold. The device specific I/O Register and bit locations are listed
in the “16-bit Timer/Counter Register Description” on page 110.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn