Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

ATmega16-16PU Arkusz danych(PDF) 23 Page - ATMEL Corporation

Numer części ATmega16-16PU
Szczegółowy opis  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
Download  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16-16PU Arkusz danych(HTML) 23 Page - ATMEL Corporation

Back Button ATmega16-16PU Datasheet HTML 19Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 20Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 21Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 22Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 23Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 24Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 25Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 26Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 357 page
background image
23
2466S–AVR–05/09
ATmega16(L)
EEPROM data corruption can easily be avoided by following this design recommendation:
Keep the AVR RESET active (low) during periods of insufficient power supply voltage. This
can be done by enabling the internal Brown-out Detector (BOD). If the detection level of the
internal BOD does not match the needed detection level, an external low V
CC Reset Protec-
tion circuit can be used. If a reset occurs while a write operation is in progress, the write
operation will be completed provided that the power supply voltage is sufficient.
I/O Memory
The I/O space definition of the ATmega16 is shown in “Register Summary” on page 331.
All ATmega16 I/Os and peripherals are placed in the I/O space. The I/O locations are accessed
by the IN and OUT instructions, transferring data between the 32 general purpose working regis-
ters and the I/O space. I/O Registers within the address range $00 - $1F are directly bit-
accessible using the SBI and CBI instructions. In these registers, the value of single bits can be
checked by using the SBIS and SBIC instructions. Refer to the Instruction Set section for more
details. When using the I/O specific commands IN and OUT, the I/O addresses $00 - $3F must
be used. When addressing I/O Registers as data space using LD and ST instructions, $20 must
be added to these addresses.
For compatibility with future devices, reserved bits should be written to zero if accessed.
Reserved I/O memory addresses should never be written.
Some of the Status Flags are cleared by writing a logical one to them. Note that the CBI and SBI
instructions will operate on all bits in the I/O Register, writing a one back into any flag read as
set, thus clearing the flag. The CBI and SBI instructions work with registers $00 to $1F only.
The I/O and Peripherals Control Registers are explained in later sections.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn