Zakładka z wyszukiwarką danych komponentów
  Polish  ▼

Delete All
ON OFF
ALLDATASHEET.PL

X  

Preview PDF Download HTML

ATmega16-16PU Arkusz danych(PDF) 47 Page - ATMEL Corporation

Numer części ATmega16-16PU
Szczegółowy opis  8-bit Microcontroller with 16K Bytes In-Syustem Programmable Flash
Download  357 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ATMEL [ATMEL Corporation]
Strona internetowa  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATmega16-16PU Arkusz danych(HTML) 47 Page - ATMEL Corporation

Back Button ATmega16-16PU Datasheet HTML 43Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 44Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 45Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 46Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 47Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 48Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 49Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 50Page - ATMEL Corporation ATmega16-16PU Datasheet HTML 51Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 357 page
background image
47
2466S–AVR–05/09
ATmega16(L)
When the BOOTRST Fuse is unprogrammed, the Boot section size set to 2K bytes and the
IVSEL bit in the GICR Register is set before any interrupts are enabled, the most typical and
general program setup for the Reset and Interrupt Vector Addresses is:
Address
Labels
Code
Comments
$000
RESET:
ldi
r16,high(RAMEND) ; Main program start
$001
out
SPH,r16
; Set Stack Pointer to top of RAM
$002
ldi
r16,low(RAMEND)
$003
out
SPL,r16
$004
sei
; Enable interrupts
$005
<instr>
xxx
;
.org $1C02
$1C02
jmp
EXT_INT0
; IRQ0 Handler
$1C04
jmp
EXT_INT1
; IRQ1 Handler
...
....
..
;
$1C28
jmp
SPM_RDY
; Store Program Memory Ready Handler
When the BOOTRST Fuse is programmed and the Boot section size set to 2K bytes, the most
typical and general program setup for the Reset and Interrupt Vector Addresses is:
Address
Labels
Code
Comments
.org $002
$002
jmp
EXT_INT0
; IRQ0 Handler
$004
jmp
EXT_INT1
; IRQ1 Handler
...
....
..
;
$028
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
.org $1C00
$1C00
RESET:
ldi
r16,high(RAMEND) ; Main program start
$1C01
out
SPH,r16
; Set Stack Pointer to top of RAM
$1C02
ldi
r16,low(RAMEND)
$1C03
out
SPL,r16
$1C04
sei
; Enable interrupts
$1C05
<instr>
xxx
When the BOOTRST Fuse is programmed, the Boot section size set to 2K bytes and the IVSEL
bit in the GICR Register is set before any interrupts are enabled, the most typical and general
program setup for the Reset and Interrupt Vector Addresses is:
Address
Labels
Code
Comments
.org $1C00
$1C00
jmp
RESET
; Reset handler
$1C02
jmp
EXT_INT0
; IRQ0 Handler
$1C04
jmp
EXT_INT1
; IRQ1 Handler
...
....
..
;
$1C28
jmp
SPM_RDY
; Store Program Memory Ready Handler
;
$1C2A
RESET:
ldi
r16,high(RAMEND) ; Main program start
$1C2B
out
SPH,r16
; Set Stack Pointer to top of RAM
$1C2C
ldi
r16,low(RAMEND)
$1C2D
out
SPL,r16
$1C2E
sei
; Enable interrupts
$1C2F
<instr>
xxx


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn