Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADP3210 Arkusz danych(PDF) 8 Page - ON Semiconductor

Numer części ADP3210
Szczegółowy opis  7-Bit Programmable Multiphase Mobile CPU Synchronous
Download  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ADP3210 Arkusz danych(HTML) 8 Page - ON Semiconductor

Back Button ADP3210 Datasheet HTML 4Page - ON Semiconductor ADP3210 Datasheet HTML 5Page - ON Semiconductor ADP3210 Datasheet HTML 6Page - ON Semiconductor ADP3210 Datasheet HTML 7Page - ON Semiconductor ADP3210 Datasheet HTML 8Page - ON Semiconductor ADP3210 Datasheet HTML 9Page - ON Semiconductor ADP3210 Datasheet HTML 10Page - ON Semiconductor ADP3210 Datasheet HTML 11Page - ON Semiconductor ADP3210 Datasheet HTML 12Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 38 page
background image
ADP3210
Rev. 0.3 | Page 8 of 38
ABSOLUTE MAXIMUM RATINGS
Table 2.
Parameter
Rating
VCC
–0.3 V to +6 V
FBRTN
–0.3 V to +0.3 V
SW1 to SW3
DC
−1 V to +22 V
t < 200 ns
−6 V to +28 V
RAMPADJ (In Shutdown)
−0.3 V to +22 V
All Other Inputs and Outputs
–0.3 V to VCC + 0.3 V
Storage Temperature
–65°C to +150°C
Operating Ambient Temperature Range
–10°C to 100°C
Operating Junction Temperature
125°C
Thermal Impedance (
θ
JA
)
98°C/W
Lead Temperature
Soldering (10 sec)
300°C
Infrared (15 sec)
260°C
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Absolute maximum ratings apply individually only, not in
combination. Unless otherwise specified, all other voltages are
referenced to GND.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


Podobny numer części - ADP3210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADP3211 ONSEMI-ADP3211 Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3211A ONSEMI-ADP3211A Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3211AMNR2G ONSEMI-ADP3211AMNR2G Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
ADP3211AMNR2G ONSEMI-ADP3211AMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
ADP3211MNR2G ONSEMI-ADP3211MNR2G Datasheet
519Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
April, 2009 ??Rev. 0
More results

Podobny opis - ADP3210

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
ADP3207DJCPZ-RL ONSEMI-ADP3207DJCPZ-RL Datasheet
494Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck
December, 2009 ??Rev. 0
ADP3207C ONSEMI-ADP3207C Datasheet
531Kb / 32P
   7-Bit Programmable, Multi-Phase Mobile, CPU Synchronous Buck Controller
December, 2009 ??Rev. 0
ADP3208C ONSEMI-ADP3208C Datasheet
1Mb / 41P
   7-Bit,Programmable,Dual- Phase,Mobile,CPU,Synchronous Buck Controller
May 2008??Rev. 1
ADP3212 ONSEMI-ADP3212 Datasheet
1Mb / 43P
   7-Bit Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
Rev. SpA
ADP3212A ONSEMI-ADP3212A Datasheet
496Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
June, 2010 ??Rev. 0
ADP3208D ONSEMI-ADP3208D Datasheet
823Kb / 37P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
February, 2010 ??Rev. 0
logo
Analog Devices
ADP3208AJCPZ-RL AD-ADP3208AJCPZ-RL Datasheet
784Kb / 38P
   7-Bit, Programmable, Dual-Phase, Mobile, CPU, Synchronous Buck Controller
January 2008 ??Rev. 2
logo
ON Semiconductor
NCP3218GMNR2G ONSEMI-NCP3218GMNR2G Datasheet
474Kb / 35P
   7-Bit, Programmable, 3-Phase, Mobile CPU Synchronous Buck Controller
August, 2012 ??Rev. 4
logo
STMicroelectronics
L6918 STMICROELECTRONICS-L6918 Datasheet
760Kb / 35P
   5 BIT PROGRAMMABLE MULTIPHASE CONTROLLER
logo
ON Semiconductor
ADP3211NMNR2G ONSEMI-ADP3211NMNR2G Datasheet
524Kb / 32P
   7-Bit, Programmable, Single-Phase, Synchronous Buck Controller
November, 2009 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com