Zakładka z wyszukiwarką danych komponentów |
|
ADP3211 Arkusz danych(PDF) 3 Page - ON Semiconductor |
|
ADP3211 Arkusz danych(HTML) 3 Page - ON Semiconductor |
3 / 32 page ADP3211, ADP3211A http://onsemi.com 3 ABSOLUTE MAXIMUM RATINGS Parameter Rating Unit VCC −0.3 to +6.0 V FBRTN, PGND −0.3 to +0.3 V BST, DRVH DC t < 200 ns −0.3 to +28 −0.3 to +33 V BST to PVCC DC t < 200 ns −0.3 to +22 −0.3 to +28 V BST to SW −0.3 to +6.0 V SW DC t < 200 ns −1.0 to +22 −6.0 to +28 V DRVH to SW −0.3 to +6.0 V DRVL to PGND DC t < 200 ns −0.3 to +6.0 −5.0 to +6.0 V RAMP (in Shutdown) DC t < 200 ns −0.3 to +22 −0.3 to +26 V All Other Inputs and Outputs −0.3 to +6.0 V Storage Temperature Range −65 to +150 °C Operating Ambient Temperature Range −10 to 100 °C Operating Junction Temperature 125 °C Thermal Impedance (qJA) 2−Layer Board 32.6 °C/W Lead Temperature Soldering (10 sec) Infrared (15 sec) 300 260 °C Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability. NOTE: This device is ESD sensitive. Use standard ESD precautions when handling. |
Podobny numer części - ADP3211 |
|
Podobny opis - ADP3211 |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |