Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21080DIH309Z-TK Arkusz danych(PDF) 1 Page - Intersil Corporation

Numer części ISL21080DIH309Z-TK
Szczegółowy opis  300nA NanoPower Voltage References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080DIH309Z-TK Arkusz danych(HTML) 1 Page - Intersil Corporation

  ISL21080DIH309Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21080DIH309Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21080DIH309Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21080DIH309Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21080DIH309Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21080DIH309Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21080DIH309Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080DIH309Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080DIH309Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
FGA is a trademark of Intersil Corporation. Copyright Intersil Americas Inc. 2009. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
300nA NanoPower Voltage References
ISL21080
The ISL21080 analog voltage references feature low
supply voltage operation at ultra-low 310nA typ, 1.5µA
max operating current. Additionally, the ISL21080 family
features guaranteed initial accuracy as low as ±0.2%
and 50ppm/°C temperature coefficient.
These references are ideal for general purpose portable
applications to extend battery life at lower cost. The
ISL21080 is provided in the industry standard 3 Ld
SOT-23 pinout.
The ISL21080 output voltages can be used as precision
voltage sources for voltage monitors, control loops,
standby voltages for low power states for DSP, FPGA,
Datapath Controllers, microcontrollers and other core
voltages: 0.9V, 1.024V, 1.25V, 1.5V, 2.048V, 2.5V, 3.0V,
3.3V, 4.096V and 5.0V.
Pin Configuration
ISL21080
(3 LD SOT-23)
TOP VIEW
Features
• Reference Output Voltage 0.900V, 1.024V, 1.250V,
1.500V, 2.048V, 2.500V, 3.000V, 3.300V, 4.096V,
5.000V
• Initial Accuracy:
- ISL21080-09 and -10. . . . . . . . . . . . . . ±0.7%
- ISL21080-12 . . . . . . . . . . . . . . . . . . . ±0.6%
- ISL21080-15. . . . . . . . . . . . . . . . . . . . ±0.5%
- ISL21080-20 and -25. . . . . . . . . . . . . . ±0.3%
- ISL21080-30, -33, -41, and -50 . . . . . . ±0.2%
• Input Voltage Range:
- ISL21080-09, -10, -12, -15, -20,
and -25 . . . . . . . . . . . . . . . . . . . . . 2.7V to 5.5V
- ISL21080-09 (Coming Soon)
- ISL21080-30. . . . . . . . . . . . . . . . 3.2V to 5.5V
- ISL21080-33. . . . . . . . . . . . . . . . 3.5V to 5.5V
- ISL21080-41. . . . . . . . . . . . . . . . 4.5V to 8.0V
- ISL21080-50. . . . . . . . . . . . . . . . 5.5V to 8.0V
• Output Voltage Noise . . . 30µVP-P (0.1Hz to 10Hz)
• Supply Current. . . . . . . . . . . . . . . . 1.5µA (Max)
• Tempco . . . . . . . . . . . . . . . . . . . . . . . 50ppm/°C
• Output Current Capability . . . . . . . . . . . . . ±7mA
• Operating Temperature Range . . . -40°C to +85°C
• Package . . . . . . . . . . . . . . . . . . . . .3 Ld SOT-23
• Pb-Free (RoHS compliant)
Applications
• Energy Harvesting Applications
• Wireless Sensor Network Applications
• Low Power Voltage Sources for Controllers, FPGA,
ASICs or Logic Devices
• Battery Management/Monitoring
• Low Power Standby Voltages
•Portable Instrumentation
• Consumer/Medical Electronics
• Wearable Electronics
• Lower Cost Industrial and Instrumentation
• Power Regulation Circuits
• Control Loops and Compensation Networks
• LED/Diode Supply
Pin Descriptions
PIN
NUMBER
PIN NAME
DESCRIPTION
1VIN
Input Voltage Connection.
2VOUT
Voltage Reference Output
3
GND
Ground Connection
1
2
3
VOUT
GND
VIN
October 14, 2009
FN6934.2


Podobny numer części - ISL21080DIH309Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
logo
Renesas Technology Corp
ISL21080DIH309Z-TK RENESAS-ISL21080DIH309Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

Podobny opis - ISL21080DIH309Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com