Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL21080DIH312Z-TK Arkusz danych(PDF) 11 Page - Intersil Corporation

Numer części ISL21080DIH312Z-TK
Szczegółowy opis  300nA NanoPower Voltage References
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21080DIH312Z-TK Arkusz danych(HTML) 11 Page - Intersil Corporation

Back Button ISL21080DIH312Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 9Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 10Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 11Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 12Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 13Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 14Page - Intersil Corporation ISL21080DIH312Z-TK Datasheet HTML 15Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
11
FN6934.2
October 14, 2009
Applications Information
FGA Technology
The ISL21080 series of voltage references use the
floating gate technology to create references with very
low drift and supply current. Essentially, the charge
stored on a floating gate cell is set precisely in
manufacturing. The reference voltage output itself is a
buffered version of the floating gate voltage. The
resulting reference device has excellent characteristics
which are unique in the industry: very low temperature
drift, high initial accuracy, and almost zero supply
current. Also, the reference voltage itself is not limited by
voltage bandgaps or zener settings, so a wide range of
reference voltages can be programmed (standard
voltage settings are provided, but customer-specific
voltages are available).
The process used for these reference devices is a floating
gate CMOS process, and the amplifier circuitry uses
CMOS transistors for amplifier and output transistor
circuitry. While providing excellent accuracy, there are
limitations in output noise level and load regulation due
to the MOS device characteristics. These limitations are
addressed with circuit techniques discussed in other
sections.
Nanopower Operation
Reference devices achieve their highest accuracy when
powered up continuously, and after initial stabilization
has taken place. This drift can be eliminated by leaving
the power on continuously.
The ISL21080 is the first high precision voltage reference
with ultra low power consumption that makes it possible
to leave power on continuously in battery operated
circuits. The ISL21080 consumes extremely low supply
current due to the proprietary FGA technology. Supply
current at room temperature is typically 350nA, which is
1 to 2 orders of magnitude lower than competitive
devices. Application circuits using battery power will
benefit greatly from having an accurate, stable
reference, which essentially presents no load to the
battery.
In particular, battery powered data converter circuits that
would normally require the entire circuit to be disabled
when not in use can remain powered up between
conversions as shown in Figure 17. Data acquisition
circuits providing 12 bits to 24 bits of accuracy can
operate with the reference device continuously biased
with no power penalty, providing the highest accuracy
and lowest possible long term drift.
Other reference devices consuming higher supply
currents will need to be disabled in between conversions
to conserve battery capacity. Absolute accuracy will
suffer as the device is biased and requires time to settle
to its final value, or, may not actually settle to a final
value as power on time may be short. Table 1 shows an
example of battery life in years for ISL21080 in various
power on condition with 1.5µA maximum current
consumption.
High Current Application
FIGURE 15. DIFFERENT VIN AT ROOM TEMPERATURE
FIGURE 16. DIFFERENT VIN AT HIGH TEMPERATURE
(+85°C)
1.492
1.494
1.496
1.498
1.500
1.502
0
5
10
15
20
25
30
ILOAD (mA)
35
VIN = 5V
VIN = 3.3V
VIN = 3.5V
1.492
1.494
1.496
1.498
1.500
1.502
0
5
10
15
20
25
30
ILOAD (mA)
VIN = 5V
VIN = 3.5V
VIN = 3.3V
35
TABLE 1. EXAMPLE OF BATTERY LIFE IN YEARS FOR
ISL21080 IN VARIOUS POWER ON
CONDITIONS WITH 1.5µA MAX CURRENT
BATTERY
RATING
(mAH)
CONTINUOUS
50% DUTY
CYCLE
10% DUTY
CYCLE
40
3
6
30*
225
16.3*
32.6*
163*
NOTE: *Typical Li-ion battery has a shelf life of up to 10
years.
ISL21080


Podobny numer części - ISL21080DIH312Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21080DIH312Z-TK INTERSIL-ISL21080DIH312Z-TK Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
ISL21080DIH312Z-TK INTERSIL-ISL21080DIH312Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
logo
Renesas Technology Corp
ISL21080DIH312Z-TK RENESAS-ISL21080DIH312Z-TK Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
More results

Podobny opis - ISL21080DIH312Z-TK

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
logo
Renesas Technology Corp
ISL21080 RENESAS-ISL21080 Datasheet
1Mb / 21P
   300nA NanoPower Voltage References
logo
Intersil Corporation
ISL21080DIH309Z-TK INTERSIL-ISL21080DIH309Z-TK Datasheet
927Kb / 20P
   300nA NanoPower Voltage References
June 23, 2014
ISL21080 INTERSIL-ISL21080 Datasheet
474Kb / 10P
   300nA NanoPower Voltage References
logo
3PEAK INC.
TP2111 3PEAK-TP2111 Datasheet
801Kb / 18P
   Nanopower 300nA, 1.8V, Rail-to-Rail Input/Output Op-amps
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
logo
Silicon Laboratories
TSM9117 SILABS-TSM9117 Datasheet
1Mb / 18P
   1.6V Nanopower Comparators with/without Internal References
logo
Advanced Monolithic Sys...
AMS04 ADMOS-AMS04 Datasheet
40Kb / 4P
   VOLTAGE REFERENCES
logo
Texas Instruments
REF1925 TI1-REF1925 Datasheet
2Mb / 31P
[Old version datasheet]   Voltage References
logo
Maxim Integrated Produc...
MAXM17225 MAXIM-MAXM17225 Datasheet
879Kb / 14P
   Tiny, 0.4V to 5.5V Input, 300nA IQ, nanoPower Boost Module with True Shutdown
19-101160; Rev 1; 8/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com