Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ISL35111DRZ-T7 Arkusz danych(PDF) 8 Page - Intersil Corporation

Numer części ISL35111DRZ-T7
Szczegółowy opis  11.1Gb/s Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  INTERSIL [Intersil Corporation]
Strona internetowa  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL35111DRZ-T7 Arkusz danych(HTML) 8 Page - Intersil Corporation

  ISL35111DRZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL35111DRZ-T7 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
8
FN6975.0
November 19, 2009
ISL35111
Package Outline Drawing
L16.3x3B
16 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 1, 4/07
located within the zone indicated. The pin #1 indentifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Dimension b applies to the metallized terminal and is measured
Dimensions in (
) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
BOTTOM VIEW
DETAIL "X"
TYPICAL RECOMMENDED LAND PATTERN
TOP VIEW
BOTTOM VIEW
SIDE VIEW
9
( 2. 80 TYP )
(
1. 70 )
(4X)
0.15
( 12X 0 . 5 )
( 16X 0 . 60)
( 16X 0 . 23 )
0 . 90 ± 0.1
INDEX AREA
PIN 1
6
A
3.00
B
12
4
4
5
8
16X 0.40 ± 0.10
5
0 . 2 REF
C
0 . 00 MIN.
0 . 05 MAX.
B
C
MA
0.10
C
- 0.05
BASE PLANE
0.10 C
SEE DETAIL "X"
C
0.08
SEATING PLANE
+ 0.07
16X 0.23
16
13
12X
1.5
4X
0.50
1
6
PIN #1 INDEX AREA
1 .70
+ 0.10
- 0.15


Podobny numer części - ISL35111DRZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL35111DRZ-T7 INTERSIL-ISL35111DRZ-T7 Datasheet
541Kb / 9P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111DRZ-T7 RENESAS-ISL35111DRZ-T7 Datasheet
864Kb / 9P
   11.1Gb/s Driver
More results

Podobny opis - ISL35111DRZ-T7

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Intersil Corporation
ISL35111 INTERSIL-ISL35111_10 Datasheet
541Kb / 9P
   11.1Gb/s Driver
logo
Renesas Technology Corp
ISL35111 RENESAS-ISL35111 Datasheet
864Kb / 9P
   11.1Gb/s Driver
ISL36111 RENESAS-ISL36111 Datasheet
648Kb / 9P
   11.1Gb/s Lane Extender
logo
Intersil Corporation
ISL36111 INTERSIL-ISL36111 Datasheet
299Kb / 8P
   11.1Gb/s Lane Extender
QLX111GRX INTERSIL-QLX111GRX Datasheet
467Kb / 10P
   11.1Gb/s Lane Extender
logo
Renesas Technology Corp
QLX111GRX RENESAS-QLX111GRX Datasheet
590Kb / 10P
   11.1Gb/s Lane Extender
logo
TriQuint Semiconductor
TGA4947-SL TRIQUINT-TGA4947-SL Datasheet
323Kb / 1P
   Dual channel 40Gb/s & 100Gb/s Modulator Driver
TQP5115 TRIQUINT-TQP5115 Datasheet
204Kb / 1P
   11.3 Gb/s EML Driver
logo
Zarlink Semiconductor I...
PX6419 ZARLINK-PX6419 Datasheet
226Kb / 3P
   12x10 Gb/s VCSEL Driver
logo
TriQuint Semiconductor
TGA4840-SM TRIQUINT-TGA4840-SM Datasheet
287Kb / 1P
   28Gb/s CFP2 Modulator Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com