Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BTB12-600TW3G Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części BTB12-600TW3G
Szczegółowy opis  Triacs Silicon Bidirectional Thyristors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BTB12-600TW3G Arkusz danych(HTML) 2 Page - ON Semiconductor

  BTB12-600TW3G Datasheet HTML 1Page - ON Semiconductor BTB12-600TW3G Datasheet HTML 2Page - ON Semiconductor BTB12-600TW3G Datasheet HTML 3Page - ON Semiconductor BTB12-600TW3G Datasheet HTML 4Page - ON Semiconductor BTB12-600TW3G Datasheet HTML 5Page - ON Semiconductor BTB12-600TW3G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
BTB12−600TW3G
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Value
Unit
Thermal Resistance,
Junction−to−Case (AC)
Junction−to−Ambient
RqJC
RqJA
1.8
60
°C/W
Maximum Lead Temperature for Soldering Purposes 1/8″ from Case for 10 seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted; Electricals apply in both directions)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Peak Repetitive Blocking Current
(VD = Rated VDRM, VRRM; Gate Open)
TJ = 25°C
TJ = 110°C
IDRM/
IRRM
0.005
1.0
mA
ON CHARACTERISTICS
Peak On-State Voltage (Note 2)
(ITM = ±17 A Peak)
VTM
1.55
V
Gate Trigger Current (Continuous dc) (VD = 12 V, RL = 30 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IGT
1.2
1.2
1.2
5.0
5.0
5.0
mA
Holding Current
(VD = 12 V, Gate Open, Initiating Current = ±100 mA)
IH
10
mA
Latching Current (VD = 12 V, IG = 7.5 mA)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
IL
15
15
15
mA
Gate Trigger Voltage (VD = 12 V, RL = 30 W)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGT
0.5
0.5
0.5
1.3
1.3
1.3
V
Gate Non−Trigger Voltage (TJ = 110°C)
MT2(+), G(+)
MT2(+), G(−)
MT2(−), G(−)
VGD
0.2
0.2
0.2
V
DYNAMIC CHARACTERISTICS
Rate of Change of Commutating Current, See Figure 10.
(Gate Open, TJ = 110°C, No Snubber)
(dI/dt)c
1.75
A/ms
Critical Rate of Rise of On−State Current
(TJ = 110°C, f = 120 Hz, IG = 2 x IGT, tr ≤ 100 ns)
dI/dt
45
A/ms
Critical Rate of Rise of Off-State Voltage
(VD = 0.66 x VDRM, Exponential Waveform, Gate Open, TJ = 125°C)
dV/dt
10
V/ms
2. Indicates Pulse Test: Pulse Width ≤ 2.0 ms, Duty Cycle ≤ 2%.


Podobny numer części - BTB12-600TW3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
STMicroelectronics
BTB12-600TW STMICROELECTRONICS-BTB12-600TW Datasheet
116Kb / 7P
   12A TRIACS
logo
Inchange Semiconductor ...
BTB12-600TW ISC-BTB12-600TW Datasheet
107Kb / 1P
   With TO-220AB non insulated package
logo
STMicroelectronics
BTB12-600TW STMICROELECTRONICS-BTB12-600TW Datasheet
236Kb / 16P
   12 A Snubberless™, logic level and standard Triacs
DS2115 - Rev 12 - February 2019
BTB12-600TWRG STMICROELECTRONICS-BTB12-600TWRG Datasheet
116Kb / 7P
   12A TRIACS
BTB12-600TWRG STMICROELECTRONICS-BTB12-600TWRG Datasheet
140Kb / 12P
   12 A Snubberless?? logic level and standard triacs
September 2007 Rev 9
More results

Podobny opis - BTB12-600TW3G

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
BTA16-600BW3G ONSEMI-BTA16-600BW3G Datasheet
115Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2008 ??Rev. 1
BTB08-600BW3G ONSEMI-BTB08-600BW3G Datasheet
90Kb / 6P
   Triacs Silicon Bidirectional Thyristors
February, 2008 - Rev. 1
BTB16-600BW3G ONSEMI-BTB16-600BW3G Datasheet
157Kb / 6P
   Triacs Silicon Bidirectional Thyristors
May, 2009 ??Rev. 2
MAC4DCM ONSEMI-MAC4DCM_06 Datasheet
83Kb / 8P
   Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 6
MAC9 ONSEMI-MAC9_05 Datasheet
65Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC12D ONSEMI-MAC12D Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 4
MAC12HCD ONSEMI-MAC12HCD_05 Datasheet
61Kb / 6P
   Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
logo
Kersemi Electronic Co.,...
MAC9D KERSEMI-MAC9D Datasheet
399Kb / 6P
   Triacs Silicon Bidirectional Thyristors
MAC12HCD KERSEMI-MAC12HCD Datasheet
415Kb / 6P
   Triacs Silicon Bidirectional Thyristors
logo
ON Semiconductor
BTA08-600BW3G ONSEMI-BTA08-600BW3G Datasheet
137Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
BTA12-600BW3G ONSEMI-BTA12-600BW3G Datasheet
146Kb / 6P
   Triacs Silicon Bidirectional Thyristors
August, 2008 ??Rev. 0
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com