Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

ADC0802LCN Arkusz danych(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Numer części ADC0802LCN
Szczegółowy opis  8-Bit 關P Compatible A/D Converters
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  NSC [National Semiconductor (TI)]
Strona internetowa  http://www.national.com
Logo NSC - National Semiconductor (TI)

ADC0802LCN Arkusz danych(HTML) 9 Page - National Semiconductor (TI)

Back Button ADC0802LCN Datasheet HTML 5Page - National Semiconductor (TI) ADC0802LCN Datasheet HTML 6Page - National Semiconductor (TI) ADC0802LCN Datasheet HTML 7Page - National Semiconductor (TI) ADC0802LCN Datasheet HTML 8Page - National Semiconductor (TI) ADC0802LCN Datasheet HTML 9Page - National Semiconductor (TI) ADC0802LCN Datasheet HTML 10Page - National Semiconductor (TI) ADC0802LCN Datasheet HTML 11Page - National Semiconductor (TI) ADC0802LCN Datasheet HTML 12Page - National Semiconductor (TI) ADC0802LCN Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 41 page
background image
Typical Applications (Continued)
Directly Converting a Low-Level Signal
DS005671-59
VREF/2=256 mV
A µP Interfaced Comparator
DS005671-60
For:
VIN(+)>VIN(−)
Output=FFHEX
For:
VIN(+)<VIN(−)
Output=00HEX
1 mV Resolution with µP Controlled Range
DS005671-61
VREF/2=128 mV
1 LSB=1 mV
VDAC≤VIN≤(VDAC+256 mV)
0
≤ VDAC < 2.5V
www.national.com
9


Podobny numer części - ADC0802LCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
National Semiconductor ...
ADC0802LCN NSC-ADC0802LCN Datasheet
1Mb / 41P
   8-Bit uP Compatible A/D Converters
logo
Intersil Corporation
ADC0802LCN INTERSIL-ADC0802LCN Datasheet
250Kb / 16P
   8-Bit, Microprocessor- Compatible, A/D Converters
August 1997
logo
Texas Instruments
ADC0802LCN TI-ADC0802LCN Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
ADC0802LCN TI1-ADC0802LCN Datasheet
6Mb / 56P
[Old version datasheet]   Analog-to-Digital Converters
ADC0802LCN/NOPB TI-ADC0802LCN/NOPB Datasheet
3Mb / 48P
[Old version datasheet]   8-Bit muP Compatible A/D Converters
More results

Podobny opis - ADC0802LCN

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Texas Instruments
ADC0801 TI1-ADC0801_14 Datasheet
3Mb / 49P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters
ADC0844 TI1-ADC0844 Datasheet
2Mb / 24P
[Old version datasheet]   8-Bit 關P Compatible A/D Converters with Multiplexer Options
logo
Maxim Integrated Produc...
MAX160 MAXIM-MAX160 Datasheet
462Kb / 12P
   關P Compatible 8 Bit A/D Converter
logo
National Semiconductor ...
ADC0816 NSC-ADC0816_07 Datasheet
344Kb / 14P
   8-Bit 關P Compatible A/D Converters with 16-Channel Multiplexer
logo
Micro Linear Corporatio...
ML2252 MICRO-LINEAR-ML2252 Datasheet
202Kb / 13P
   關P Compatible 8-Bit A/D Converters with 2- or 8-Channel Multiplexer
logo
Texas Instruments
ADC0809CCN TI1-ADC0809CCN Datasheet
494Kb / 19P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
ADC0808-N TI1-ADC0808-N_14 Datasheet
538Kb / 20P
[Old version datasheet]   ADC0808/ADC0809 8-Bit 關P Compatible A/D Converters with 8-Channel Multiplexer
DAC0830 TI-DAC0830 Datasheet
1Mb / 29P
[Old version datasheet]   DAC0830/DAC0832 8-Bit 關P Compatible, Double-Buffered D to A Converters
ADC0844 TI1-ADC0844_14 Datasheet
2Mb / 25P
[Old version datasheet]   ADC0844/ADC0848 8-Bit 關P Compatible A/D Converters with Multiplexer Options
ADC0801-N TI1-ADC0801-N Datasheet
1Mb / 43P
[Old version datasheet]   ADC0801/ADC0802/ADC0803/ADC0804/ADC0805 8-Bit 關P Compatible A/D Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com