Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

NBXSPA008LN1TAG Arkusz danych(PDF) 2 Page - ON Semiconductor

Numer części NBXSPA008LN1TAG
Szczegółowy opis  2.5 V / 3.3 V, 161.1328 MHz LVDS Clock Oscillator
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  ONSEMI [ON Semiconductor]
Strona internetowa  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBXSPA008LN1TAG Arkusz danych(HTML) 2 Page - ON Semiconductor

  NBXSPA008LN1TAG Datasheet HTML 1Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 2Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 3Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 4Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 5Page - ON Semiconductor NBXSPA008LN1TAG Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NBXSPA008
http://onsemi.com
2
NC
OE
GND
CLK
VDD
CLK
1
2
3
6
5
4
Figure 2. Pin Connections (Top View)
Table 1. PIN DESCRIPTION
Pin No.
Symbol
I/O
Description
1
OE
LVTTL/LVCMOS
Control Input
Output Enable Pin. When left floating pin defaults to logic HIGH and output is active.
See OE pin description Table 2.
2
NC
N/A
No Connect
3
GND
Power Supply
Ground 0 V
4
CLK
LVDS Output
Non−Inverted Clock Output. Typically loaded with 100 W receiver termination resistor
across differential pair.
5
CLK
LVDS Output
Inverted Clock Output. Typically loaded with 100 W receiver termination resistor across
differential pair.
6
VDD
Power Supply
Positive power supply voltage. Voltage should not exceed 2.5 V ±5% or 3.3 V ±10%.
Table 2. OUTPUT ENABLE TRI−STATE FUNCTION
OE Pin
Output Pins
Open
Active
HIGH Level
Active
LOW Level
High Z
Table 3. ATTRIBUTES
Characteristic
Value
Input Default State Resistor
170 kW
ESD Protection
Human Body Model
Machine Model
2 kV
200 V
Meets or Exceeds JEDEC Standard EIA/JESD78 IC Latchup Test
1. For additional Moisture Sensitivity information, refer to Application Note AND8003/D.
Table 4. MAXIMUM RATINGS
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VDD
Positive Power Supply
GND = 0 V
4.6
V
Iout
LVDS Output Current
Continuous
Surge
25
50
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−55 to +120
°C
Tsol
Wave Solder
See Figure 5
260
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect
device reliability.


Podobny numer części - NBXSPA008LN1TAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA022LN1TAG ONSEMI-NBXSPA022LN1TAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSPA022LNHTAG ONSEMI-NBXSPA022LNHTAG Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
More results

Podobny opis - NBXSPA008LN1TAG

ProducentNumer częściArkusz danychSzczegółowy opis
logo
ON Semiconductor
NBXSBA008_0910 ONSEMI-NBXSBA008_0910 Datasheet
161Kb / 6P
   3.3 V, 161.1328 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 2
NBXSPA022 ONSEMI-NBXSPA022 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 187.5 MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXDPA018 ONSEMI-NBXDPA018 Datasheet
133Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA017 ONSEMI-NBXDPA017 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 156.25 MHz / 312.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA019 ONSEMI-NBXDPA019 Datasheet
174Kb / 7P
   2.5 V / 3.3 V, 125 MHz / 250MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NBXDPA018_0910 ONSEMI-NBXDPA018_0910 Datasheet
135Kb / 7P
   2.5 V / 3.3 V, 155.52 MHz / 311.04MHz LVDS Clock Oscillator
October, 2009 ??Rev. 1
NBXSGA008 ONSEMI-NBXSGA008 Datasheet
117Kb / 6P
   2.5/3.3 V, 161.1328 MHz LVPECL Clock Oscillator This is a Pb?묯ree Device
April, 2011 ??Rev. 0
NBXSBA025_0910 ONSEMI-NBXSBA025_0910 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 425.00MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 1
NBXSBA024 ONSEMI-NBXSBA024 Datasheet
127Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com