Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC1601B Arkusz danych(PDF) 1 Page - Bolymin, Inc

Numer części BC1601B
Szczegółowy opis  COB with metal frame 5x7 dots with cursor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOLYMIN [Bolymin, Inc]
Strona internetowa  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BC1601B Arkusz danych(HTML) 1 Page - Bolymin, Inc

  BC1601B Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC1601B
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Character Size
Standard Value Unit
Pin Assignment
Pin
Symbol
Function
1
2
3
4
5
6
7~14
GND
+5V(+3V option)
Contrast adjustment
H/L register select signal
H/L read/write signal
H --> L enable signal
H/L data bus line
Vss
Vdd
Vo
RS
R/W
E
DB0~7
Input Voltage
Supply Current
LCD Driving
Voltage
LED Forward
Voltage
LED Forward
Current
EL Power
Voltage
Vdd
Idd
Vdd-Vo
Vf
If
Vel
Vdd = +5V
Vdd = +5V
25 C
Vel=110
Vac/400Hz
5.0
1.2
4.2
4.2
100
---
V
mA
V
V
mA
V
Typical
Value
Electronic Characteristics
mm
mm
mm
mm
85.0 x 28.0
66.0 x 16.0
0.55 x 0.75
3.07 x 6.56
Dimension
BO LYM IN
1. COB with metal frame
2. 5x7 dots with cursor
3. Built-in controller KS0066 or equivalent
4. + 5V single power supply
5. 1/16 duty cycle
6. LED B/L pins:A/K, or 1/2
7. Option: LED array/edge B/L, EL B/L
8. Option: +3V single power supply
9. Option: negative voltage built-in
o
25 C
o
25 C
o
Item
Symbol Condition
Unit
0.55
0.63
3.07
3.77
3
12.6
59.62(AA
A
A )
9
66.0(VA)
6
71.2
85.0
± 0.5
2.5
80.0
4-Ø2
4-Ø5.0
4-Ø1.0 PTH
1.6
4.95
DOT SIZE
SCALE 5/1
12.7(LED B/L)
8.9(LED B/L)
8.6(LED B/L)
4.8(EL or NoB/L)


Podobny numer części - BC1601B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bolymin, Inc
BC1601B BOLYMIN-BC1601B_17 Datasheet
466Kb / 1P
   COB with metal Frame
More results

Podobny opis - BC1601B

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bolymin, Inc
BC1602B3 BOLYMIN-BC1602B3 Datasheet
141Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602G BOLYMIN-BC1602G Datasheet
82Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602A20C BOLYMIN-BC1602A20C Datasheet
128Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602B2 BOLYMIN-BC1602B2 Datasheet
1Mb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20C BOLYMIN-BC2002A20C Datasheet
112Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20 BOLYMIN-BC2002A20 Datasheet
83Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A BOLYMIN-BC2004A Datasheet
344Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC0802B BOLYMIN-BC0802B Datasheet
227Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1004A BOLYMIN-BC1004A Datasheet
144Kb / 1P
   COB with metal frame 5x7 dots with cursor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com