Zakładka z wyszukiwarką danych komponentów
  Polish  ▼
ALLDATASHEET.PL

X  

BC1602H Arkusz danych(PDF) 1 Page - Bolymin, Inc

Numer części BC1602H
Szczegółowy opis  COB with metal frame 5x7 dots with cursor
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Producent  BOLYMIN [Bolymin, Inc]
Strona internetowa  http://www.bolymin.com.tw
Logo BOLYMIN - Bolymin, Inc

BC1602H Arkusz danych(HTML) 1 Page - Bolymin, Inc

  BC1602H Datasheet HTML 1Page - Bolymin, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
BC1602H
Feature
Mechanical Data
Item
Module Dimension
Viewing Area
Dot Size
Character Size
Standard Value Unit
mm
mm
mm
mm
84.0 x 44.0
66.0 x 16.0
0.56 x 0.66
2.96 x 5.56
Dimension
BO LYM IN
1. COB with metal frame
2. 5x7 dots with cursor
3. Built-in controller KS0066 or equivalent
4. + 5V single power supply
5. 1/16 duty cycle
6. LED B/L pins:15/16 or A/K, or 1/2
7. Option: LED array/edge B/L, EL B/L
8. Option: +3V single power supply
9. Option: negative voltage (built-in, external)
Pin Assignment
Pin
Symbol
Function
1
2
3
4
5
6
7~14
15
16
GND
+5V(+3V option)
Contrast adjustment
H/L register select signal
H/L read/write signal
H --> L enable signal
H/L data bus line
Power supply for B/L (+)/
Power supply for B/L (GND)
Vss
Vdd
Vo
RS
R/W
E
DB0~7
A
K
10. Option: LCD Vop fix on 5V (-20 C~+70 C)
o
o
Input Voltage
Supply Current
LCD Driving
Voltage
LED Forward
Voltage
Array LED
Forward Current
Edge LED
Forward Current
Vdd
Idd
Vdd-Vo
Vf
If
If
Vdd = +5V
Vdd = +5V
25 C
5.0
1.2
4.0
4.2
100
20
V
mA
V
V
mA
mA
TYP
Value
Electronic Characteristics
o
25 C
o
25 C
o
Item
Symbol Condition
Unit
EL Power
Voltage
Vel
Vel=110Vac/400Hz
V
25 C
o
Option
5.0
70 C
3.6
o
5.0
-20 C
5.0
o
5.0
71.2
56.2(AA
A )
66.0(VA)
84.0
± 0.5
6.4
2-Ø2.5 PTH
2-Ø5.0 PAD
9.0
4.0
76.0
1.6
0.56
0.6
2.95
0.6
3.55
6-Ø1.0 PTH
10.2
P2.54*15=38.1
1.8
1.5
2-R1.25
2-R2.5
DOT SIZE
SCALE 5/1
5
12.7 (LED B/L)
8.9 (EL or No B/L)
8.6 (LED B/L)
4.8 (EL or No B/L)


Podobny numer części - BC1602H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bolymin, Inc
BC1602H BOLYMIN-BC1602H_17 Datasheet
545Kb / 1P
   COB with metal Frame
More results

Podobny opis - BC1602H

ProducentNumer częściArkusz danychSzczegółowy opis
logo
Bolymin, Inc
BC1602B3 BOLYMIN-BC1602B3 Datasheet
141Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602G BOLYMIN-BC1602G Datasheet
82Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A20 BOLYMIN-BC2004A20 Datasheet
115Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1601B BOLYMIN-BC1601B Datasheet
94Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602A20C BOLYMIN-BC1602A20C Datasheet
128Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1602B2 BOLYMIN-BC1602B2 Datasheet
1Mb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20C BOLYMIN-BC2002A20C Datasheet
112Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2002A20 BOLYMIN-BC2002A20 Datasheet
83Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC2004A BOLYMIN-BC2004A Datasheet
344Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC0802B BOLYMIN-BC0802B Datasheet
227Kb / 1P
   COB with metal frame 5x7 dots with cursor
BC1004A BOLYMIN-BC1004A Datasheet
144Kb / 1P
   COB with metal frame 5x7 dots with cursor
More results


Html Pages

1


Arkusz danych Pobierz

Go To PDF Page


Link URL




Polityka prywatności
ALLDATASHEET.PL
Czy Alldatasheet okazała się pomocna?  [ DONATE ] 

O Alldatasheet   |   Reklama   |   Kontakt   |   Polityka prywatności   |   Linki   |   Lista producentów
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com