Zakładka z wyszukiwarką danych komponentów |
|
LA38B-78-DBK-PF Arkusz danych(PDF) 3 Page - LIGITEK electronics co., ltd. |
|
LA38B-78-DBK-PF Arkusz danych(HTML) 3 Page - LIGITEK electronics co., ltd. |
3 / 6 page Blue Diffused COLOR Lens InGaN/GaN MATERIAL LA38B-78/DBK-PF PART NO Blue Emitted 900 Luminous intensity @20mA(mcd) Typ. 30 Spectral halfwidth △λnm 470 Dominant wave length λDnm 4.0 Max. Forward voltage @ mA(V) 3.5 Typ. 20 550 Min. Viewing angle 2 θ 1/2 (deg) 34 2/5 Page LIGITEK ELECTRONICS CO.,LTD. Property of Ligitek Only UNIT mA mA μA ℃ V ℃ mW 30 100 DBK Ratings 50 150 Ir -20 ~ +80 -30 ~ +100 120 Forward Current Peak Forward Current Duty 1/10@10KHz Parameter Operating Temperature Storage Temperature Electrostatic Discharge( * ) Reverse Current @5V Power Dissipation Typical Electrical & Optical Characteristics (Ta=25 ℃) Symbol ESD Topr Tstg IF PD IFP Absolute Maximum Ratings at Ta=25 ℃ Note : 1.The forward voltage data did not including ±0.1V testing tolerance. 2. The luminous intensity data did not including ±15% testing tolerance. Static Electricity or power surge will damage the LED. Use of a conductive wrist band or anti-electrosatic glove is recommended when handing these LED. All devices, equipment and machinery must be properly grounded. * LA38B-78/DBK-PF PART NO. |
Podobny numer części - LA38B-78-DBK-PF |
|
Podobny opis - LA38B-78-DBK-PF |
|
|
Link URL |
Polityka prywatności |
ALLDATASHEET.PL |
Czy Alldatasheet okazała się pomocna? [ DONATE ] |
O Alldatasheet | Reklama | Kontakt | Polityka prywatności | Linki | Lista producentów All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |